Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65000 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65000
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65000 Datasheet HTML 7Page - Texas Instruments TPS65000 Datasheet HTML 8Page - Texas Instruments TPS65000 Datasheet HTML 9Page - Texas Instruments TPS65000 Datasheet HTML 10Page - Texas Instruments TPS65000 Datasheet HTML 11Page - Texas Instruments TPS65000 Datasheet HTML 12Page - Texas Instruments TPS65000 Datasheet HTML 13Page - Texas Instruments TPS65000 Datasheet HTML 14Page - Texas Instruments TPS65000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
t- Time-100 s/div
m
VDCDC=1.8V
DCDC LoadCurrent=50mA
Mode=VINDCDC
VINDCDC=3.6Vto4.2Vto3.6V
T
=25 C
A
o
t- Time-100 s/div
m
VLDOx=1.007V
LDOx LoadCurrent=1mA
EN_DCDC=GND
VINDCDC=6V
VINLDOx=1.6Vto2.3Vto1.6V
T =25 C
A
o
t- Time-100 s/div
m
DCDC LoadCurrent=60mA to540mA
Mode=GND
VINDCDC=3.6V
T
=25 C
A
o
VDCDC=1.8V
t- Time-100 s/div
m
DCDC LoadCurrent=60mA to540mA
Mode=VINDCDC
VINDCDC=3.6V
T
=25 C
VDCDC=1.8V
A
o
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
www.ti.com
SLVS810A – JUNE 2009 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
LINE TRANSIENT RESPONSE (DCDC PWM Mode)
LINE TRANSIENT RESPONSE (LDOx)
Figure 13.
Figure 14.
LOAD TRANSIENT RESPONSE (DCDC PFM Mode)
LOAD TRANSIENT RESPONSE (DCDC PWM Mode)
Figure 15.
Figure 16.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS65000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000 TI1-TPS65000 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
More results

Similar Description - TPS65000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com