Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61241YFFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61241YFFR
Description  3.5-MHz High Efficiency Step-Up Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61241YFFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61241YFFR Datasheet HTML 2Page - Texas Instruments TPS61241YFFR Datasheet HTML 3Page - Texas Instruments TPS61241YFFR Datasheet HTML 4Page - Texas Instruments TPS61241YFFR Datasheet HTML 5Page - Texas Instruments TPS61241YFFR Datasheet HTML 6Page - Texas Instruments TPS61241YFFR Datasheet HTML 7Page - Texas Instruments TPS61241YFFR Datasheet HTML 8Page - Texas Instruments TPS61241YFFR Datasheet HTML 9Page - Texas Instruments TPS61241YFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
0.0001
V =2.3V
I
V =3V
I
V =3.6V
I
V =4.2V
I
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
-40°C
25°C
85°C
TPS61240, TPS61241
SLVS806A – APRIL 2009 – REVISED MAY 2009 .............................................................................................................................................................. www.ti.com
Figure
Maximum Output Current
vs Input Voltage
1
vs Output Current, Vout = 5V, Vin = [2.3V; 3.0V; 3.6V; 4.2V]
2
Efficiency
vs Input Voltage, Vout = 5V, Iout = [100uA; 1mA; 10mA; 100mA; 200mA]
3
Input Current
at No Output Load, Device Disabled
4
vs Output Current, Vout = 5V, Vin = [2.3V; 3.0V; 3.6V; 4.2V]
5
Output Voltage
vs Input Voltage
6
Frequency
vs Output Load, Vout = 5V, Vin = [3.0V; 4.0V; 5.0V]
7
Output Voltage Ripple, PFM Mode, Iout = 10mA
8
Output Voltage Ripple, PWM Mode, Iout = 150mA
9
Load Transient Response, Vin = 3.6V, 0 - 50mA
10
Load Transient Response, Vin = 3.6V, 50 - 200mA
11
Waveforms
Line Transient Response, Vin = 3.6V - 4.2V, Iout = 50mA
12
Line Transient Response, Vin = 3.6V - 4.2V, Iout = 200mA
13
Startup after Enable, Vin = 3.6V, Vout = 5V, Load = 5K
14
Startup after Enable, Vin = 3.6V, Vout = 5V, Load = 16.5
15
Startup and Shutdown, Vin = 3.6V, Vout = 5V, Load = 16.5
16
Figure 1. Maximum Output Current vs Input Voltage
Figure 2. Efficiency vs Output Current
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS61240, TPS61241


Similar Part No. - TPS61241YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI1-TPS61240 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61241YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com