Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65001RUKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65001RUKR
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65001RUKR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65001RUKR Datasheet HTML 1Page - Texas Instruments TPS65001RUKR Datasheet HTML 2Page - Texas Instruments TPS65001RUKR Datasheet HTML 3Page - Texas Instruments TPS65001RUKR Datasheet HTML 4Page - Texas Instruments TPS65001RUKR Datasheet HTML 5Page - Texas Instruments TPS65001RUKR Datasheet HTML 6Page - Texas Instruments TPS65001RUKR Datasheet HTML 7Page - Texas Instruments TPS65001RUKR Datasheet HTML 8Page - Texas Instruments TPS65001RUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
VLDO1
SW
TPS65000/1
VINDCDC
VIN
VIN
VINLDO2
EN_LDO2
VDCDC
10mF
2.2 H
m
10 F
m
470kW
EN_DCDC
EN_LDO1
VINLDO1
PGND
P
P
FB_DCDC
P
PG
MODE
470kW
180kW
FB_LDO1
AGND
A
A
A
10 F
m
P
VLDO2
820kW
180kW
FB_LDO2
10 F
m
P
680W
150kW
A
3.3V
VLDO1
1.8V
VLDO2
2.8V
475kW
100nF
22pF
RSTSNS
VIN
MR
100kW
RST
TRST
A
A
VIN
232kW
470kW
A
A
0.1mF
Supply
Voltage
Supervisor
Oscillator
SSCG
BandgapReference
TPS65000/01 JointFunction/Pin
TPS65001OnlyFunction/Pin
LDO1
300mA
LDO2
300mA
A
Step-Down
600mA
VDCDC
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
www.ti.com
SLVS810A – JUNE 2009 – REVISED OCTOBER 2009
2.25 MHz Step Down Converter with Dual LDOs and SVS
Check for Samples: TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061
1
FEATURES
DESCRIPTION
2
Step-Down Converters:
VIN Range From 2.3V to 6V
The TPS65000 and TPS65001 are single chip Power
Management ICs for portable applications. Both
Spread Spectrum Clock (SSC) Generation
devices combine a single step-down converter with
for Reduced EMI
two low dropout regulators. The step-down converter
2.25MHz Fixed Frequency Operation
enters a low power mode at light load for maximum
600mA or 1A (TPS650061) Output Current
efficiency across the widest possible range of load
currents. For low noise applications, the devices can
LDOs:
be forced into fixed frequency PWM via a pin. The
VIN Range From 1.6V to 6V
step-down converter allows the use of a small
Adjustable Output Voltage
inductor and capacitors to achieve a small solution
size. The step-down converter has Power Good
Up to 300mA Output Current
status output that can be used for sequencing. The
Separate Power Inputs and Enables
LDOs are capable of supplying 300mA, and can
Supply Voltage Supervisor (TPS65001)
operate with an input voltage range between 1.6V
and 6V, allowing them to be supplied from the
Manual Reset Input for Push Button
step-down converter or directly from the main battery.
Adjustable Reset Time
The
step-down
converter
and
the
LDOs
have
Adjustable Reset Voltage
separate voltage inputs and enables, allowing for
design and sequencing flexibility.
3mm × 3mm 16-Pin QFN (TPS65000)
3mm x×3mm 20-Pin QFN (TPS65001)
The TPS65000 is available in a 16-pin leadless
package (3mm × 3mm QFN).
APPLICATIONS
The TPS65001 extends functionality by adding a
Point of Load
Supply Voltage Supervisor (SVS). The SVS allows
Embedded Processor Power
maximum flexibility by having the reset voltage set
with two external resistors, and the reset time set by
Cell Phones, Smart-Phones
a small external capacitor. In addition, an active low
PDAs, Pocket PCs
Manual Reset input allows the SVS to be connected
Portable Media Players
to a push button for external control.
The TPS65001 is available in a 20-pin leadless
package (3mm × 3mm QFN).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65001RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65001RUKR TI1-TPS65001RUKR Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65001RUKR TI1-TPS65001RUKR Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS65001RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com