Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650731RSL Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS650731RSL
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650731RSL Datasheet(HTML) 4 Page - Texas Instruments

  TPS650731RSL Datasheet HTML 1Page - Texas Instruments TPS650731RSL Datasheet HTML 2Page - Texas Instruments TPS650731RSL Datasheet HTML 3Page - Texas Instruments TPS650731RSL Datasheet HTML 4Page - Texas Instruments TPS650731RSL Datasheet HTML 5Page - Texas Instruments TPS650731RSL Datasheet HTML 6Page - Texas Instruments TPS650731RSL Datasheet HTML 7Page - Texas Instruments TPS650731RSL Datasheet HTML 8Page - Texas Instruments TPS650731RSL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
ELECTRICAL CHARACTERISTICS
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
VSYS = 3.6V, EN_DCDCx = VSYS, L = 2.2
µH, C
OUT = 10µF, TA = –40°C to 85°C typical values are at TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VINDCDC Input voltage range for DCDC converters
2.8
6.3
V
Only DCDC2, DCDC3 and LDO1 enabled, device in
140
ON-mode; DCDC converters in PFM
Per DC/DC converter, PFM mode
19
30
µA
Operating quiescent current
Per DC/DC converter, PWM mode
2.5
IQ
Total current into VSYS, VINDCDCx, VINLDO1/2
For LDO1 or LDO2 (either one enabled)
20
35
For LDO1 and LDO2 (both enabled)
34
For wLED converter
1.5
mA
All converters, LDOs, wLED driver and ADC disabled, no
ISD
Shutdown current
input voltage at AC and USB;
8
12
µA
SYS voltage turned off
–2%
2.8
2%
Voltage at the output of the power manager detected at pin
3.0
VUVLO
Undervoltage lockout threshold
SYS; falling voltage, voltage defined with <UVLO0>,
V
3.1
<UVLO1> DEFAULT: 3.0V
3.25
360
Rising voltage defined with <UVLO hysteresis>; DEFAULT:
Undervoltage lockout hysteresis
mV
500mV
450
Undervoltage lockout deglitch time
Due to internal delay
4
ms
Thermal shutdown for DCDC converters, wLED
TSD
Increasing junction temperature
150
°C
driver and LDOs
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
EN_DCDC1, EN_DCDC2, EN_DCDC3, DEFDCDC2, DEFDCDC3, SDAT, SCLK, EN_wLED (optional)
High Level Input Voltage, EN_DCDC1,
VIH
EN_DCDC2, EN_DCDC3, DEFDCDC2,
1.2
VSYS
V
DEFDCDC3, SDAT, SCLK, EN_wLED
Low Level Input Voltage, EN_DCDC1,
VIL
EN_DCDC2, EN_DCDC3, DEFDCDC2,
0
0.4
V
DEFDCDC3, SDAT, SCLK, EN_wLED
Input bias current, EN_DCDC1, EN_DCDC2,
IIN
EN_DCDC3, DEFDCDC2, DEFDCDC3, SDAT,
0.01
1.0
µA
SCLK
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI1-TPS650731RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com