Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62227 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62227
Description  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62227 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62227 Datasheet HTML 1Page - Texas Instruments TPS62227 Datasheet HTML 2Page - Texas Instruments TPS62227 Datasheet HTML 3Page - Texas Instruments TPS62227 Datasheet HTML 4Page - Texas Instruments TPS62227 Datasheet HTML 5Page - Texas Instruments TPS62227 Datasheet HTML 6Page - Texas Instruments TPS62227 Datasheet HTML 7Page - Texas Instruments TPS62227 Datasheet HTML 8Page - Texas Instruments TPS62227 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
VI
GND
EN
SW
FB
C3
4.7 F
m
L1
4.7 H
m
C4
10 F
m
TPS62220
VI
2.5Vto6V
VO
1.5V/400mA
R1
360kW
R2
180kW
C1
22pF
C2
100pF
1
2
3
5
4
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
VO =1.8V,
L =4.7 H,
m
CO =22 F
m
IL − LoadCurrent − mA
VI =3.7V
Typical Application(AdjustibleOutputVoltageVersion)
VI =5V
VI =2.7V
TPS62220
,, TPS62221,, TPS62222
TPS62223, TPS62224, TPS62225
TPS62227, TPS62228, TPS62229
www.ti.com....................................................................................................................................... SLVS491E – SEPTEMBER 2003 – REVISED FEBRUARY 2009
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
2
• High-Efficiency Synchronous Step-Down
Converter With up to 95% Efficiency
The TPS6222x devices are a family of high-efficiency,
synchronous step-down converters ideally suited for
• 2.5-V to 6-V Input Voltage Range
portable systems powered by 1-cell Li-Ion or 3-cell
• Adjustable Output Voltage Range From 0.7 V
NiMH/NiCd batteries. The devices are also suitable to
to VI
operate from a standard 3.3-V or 5-V voltage rail.
• Fixed Output Voltage Options Available
With an output voltage range of 6 V down to 0.7 V
• Up to 400-mA Output Current
and up to 400-mA output current, the devices are
• 1.25-MHz Fixed Frequency PWM Operation
ideal for powering the low voltage TMS320™ DSP
family and processors used in PDAs, pocket PCs,
• Highest Efficiency Over Wide Load Current
and smart phones. Under nominal load current, the
Range Due to Power-Save Mode
devices operate with a fixed switching frequency of
• 15 µA Typical Quiescent Current
typically 1.25 MHz. At light load currents, the part
• Soft Start
enters the power-save mode operation; the switching
frequency is reduced and the quiescent current is
• 100% Duty Cycle Low-Dropout Operation
typically only 15
µA; therefore, the device achieves
• Dynamic Output-Voltage Positioning
the highest efficiency over the entire load current
• Available in TSOT23 Package
range.
The
TPS6222x
needs
only
three
small
external components. Together with the tiny TSOT23
package, a minimum system solution size can be
achieved. An advanced fast response voltage mode
• PDAs and Pocket PC
control scheme achieves superior line and load
• Cellular Phones, Smart Phones
regulation with small ceramic input and output
• OMAP™ and Low Power DSP Supply
capacitors.
• Digital Cameras
• Portable Media Players
• Portable Equipment
• WLAN PC Cards
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
OMAP, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62227 TI-TPS62227 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDC TI-TPS62227DDC Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDCR TI-TPS62227DDCR Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDCRG4 TI-TPS62227DDCRG4 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDCT TI-TPS62227DDCT Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Similar Description - TPS62227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com