Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650732RSLT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650732RSLT
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650732RSLT Datasheet(HTML) 1 Page - Texas Instruments

  TPS650732RSLT Datasheet HTML 1Page - Texas Instruments TPS650732RSLT Datasheet HTML 2Page - Texas Instruments TPS650732RSLT Datasheet HTML 3Page - Texas Instruments TPS650732RSLT Datasheet HTML 4Page - Texas Instruments TPS650732RSLT Datasheet HTML 5Page - Texas Instruments TPS650732RSLT Datasheet HTML 6Page - Texas Instruments TPS650732RSLT Datasheet HTML 7Page - Texas Instruments TPS650732RSLT Datasheet HTML 8Page - Texas Instruments TPS650732RSLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com ....................................................................................................................................................................................................... SLVS950 – JULY 2009
Single Chip Power Solution for Navigation Systems
• Touch Screen Interface
2
• Charger/Power Path Management:
• Undervoltage Lockout and Battery Fault
Comparator
2A Output Current on the Power Path
Linear Charger; 1.5A Maximum Charge
Current
• Portable Navigation Systems
100mA/500mA/ 800mA/1300mA Current
• PDAs, Pocket PCs
Limit From USB Input
• OMAP™ and Low Power DSP Supply
Thermal Regulation, Safety Timers
Temperature Sense Input
• 3 Step-Down Converters:
The TPS6507x are single chip Power Management
2.25MHz Fixed Frequency Operation
ICs for portable applications consisting of a battery
Up to 1.5A of Output Current
charger with power path management for a single
Li-Ion or Li-Polymer cell. The charger can either be
Adjustable or Fixed Output Voltage
supplied by a USB port on pin USB or by a dc voltage
VIN Range From 2.8V to 6.3V
from a wall adapter connected to pin AC. Three
Power Save Mode at Light Load Current
highly efficient 2.25MHz step-down converters are
targeted at providing the core voltage, memory and
Output Voltage Accuracy in PWM Mode
I/O voltage in a processor based system. The
±1.5%
step-down converters enter a low power mode at light
Typical 19
µA Quiescent per Converter
load for maximum efficiency across the widest
100% Duty Cycle for Lowest Dropout
possible range of load currents. For low noise
applications the devices can be forced into fixed
• LDOs:
frequency
PWM
using
the
I2C
interface.
The
Fixed Output Voltage
step-down converters allow the use of small inductors
Dynamic Voltage Scaling on LDO2
and capacitors to achieve a small solution size. The
TPS6507x also integrate two general purpose LDOs
20
µA Quiescent Current
for an output current of 200mA. These LDOs can be
200mA Maximum Output Current
used
to
power
an
SD-card
interface
and
an
VIN Range From 1.8V to 6.3V
always-on rail, but can be used for other purposes as
well. Each LDO operates with an input voltage range
• wLED Boost Converter:
between 1.8V and 6.3V allowing them to be supplied
Internal Dimming Using I2C
from one of the step-down converters or directly from
Up to 2 × 10 LEDs
the main battery. An inductive boost converter with
two programmable current sinks power two strings of
Up to 25mA per String With Internal Current
white LEDs.
Sink
• I2C Interface
The TPS6507x come in a 48-pin leadless package
(6mm × 6mm QFN) with a 0,4mm pitch.
• 10 Bit A/D Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
OMAP, PowerPAD are trademarks of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS650732RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650732RSLT TI-TPS650732RSLT Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650732RSLT TI-TPS650732RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650732RSLT TI1-TPS650732RSLT Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650732RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com