Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65193RGE Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65193RGE
Description  Dual High-Voltage Scan Driver for TFT-LCD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65193RGE Datasheet(HTML) 3 Page - Texas Instruments

  TPS65193RGE Datasheet HTML 1Page - Texas Instruments TPS65193RGE Datasheet HTML 2Page - Texas Instruments TPS65193RGE Datasheet HTML 3Page - Texas Instruments TPS65193RGE Datasheet HTML 4Page - Texas Instruments TPS65193RGE Datasheet HTML 5Page - Texas Instruments TPS65193RGE Datasheet HTML 6Page - Texas Instruments TPS65193RGE Datasheet HTML 7Page - Texas Instruments TPS65193RGE Datasheet HTML 8Page - Texas Instruments TPS65193RGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ELECTRICAL CHARACTERISTICS
TPS65193
www.ti.com ....................................................................................................................................................................................................... SLVS964 – JULY 2009
VOFF = –10 V, VON = 30 V, EN = 3.3 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent current into VON
CPVx = GND, STV = 3.3 V
600
800
IQIN
µA
Quiescent current out of VOFF
120
200
CPVx = GND, STV = 3.3 V
Shutdown current into VON
520
800
EN = GND
ISD
µA
Shutdown current out of VOFF
260
400
UNDERVOLTAGE LOCKOUT
VON rising
10
13
V
VUVLO
Undervoltage lockout threshold on VON
Hysteresis
250
mV
LOGIC SIGNALS EN, CPVx, STV
VIH
High-level input voltage of CPVx, STV, EN
2
V
VIL
Low-level input voltage of CPVx, STV, EN
0.5
V
OUTPUT CKVx, CKVBx, STVP, CKVCSx
Output high voltage of CKVx, CKVBx
VON – 0.3
VOH
IOH = 10 mA
V
Output high voltage of STVP
VON – 0.8
Output low voltage of CKVx, CKVBx
VOFF + 0.2
VOL
IOL = –10 mA
V
Output low voltage of STVP
VOFF + 0.4
RCHSH
Charge-sharing on-resistance
ICHSH = 10 mA
120
DISCHARGING CIRCUIT
RDSCHG
Discharging resistance
DISH = –2 V
1.5
k
RBIAS
Resistance DISH to GND
100
k
CONTROL DELAY
VDLYREF
Reference voltage for comparator
2.9
V
IDLYREF
Delay charge current
15
µA
RDLY
Delay resistor
140
200
260
k
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS65193


Similar Part No. - TPS65193RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
TPS65190RHDR TI-TPS65190RHDR Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65191RHBR TI1-TPS65191RHBR Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65192 TI-TPS65192 Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
More results

Similar Description - TPS65193RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
logo
Maxim Integrated Produc...
MAX17119 MAXIM-MAX17119 Datasheet
1Mb / 11P
   10-Channel Scan Driver for TFT LCD with GPM Function
2009
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011_06 Datasheet
286Kb / 9P
   High Voltage TFT-LCD Logic Driver
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Silicon Mitus, Inc.
SM41ND SILICONMITUS-SM41ND Datasheet
326Kb / 1P
   Notebook LCD Panel Dual High-Voltage Scan Driver with Charge Sharing
Februay 2018 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com