Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65073RSLT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65073RSLT
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65073RSLT Datasheet(HTML) 3 Page - Texas Instruments

  TPS65073RSLT Datasheet HTML 1Page - Texas Instruments TPS65073RSLT Datasheet HTML 2Page - Texas Instruments TPS65073RSLT Datasheet HTML 3Page - Texas Instruments TPS65073RSLT Datasheet HTML 4Page - Texas Instruments TPS65073RSLT Datasheet HTML 5Page - Texas Instruments TPS65073RSLT Datasheet HTML 6Page - Texas Instruments TPS65073RSLT Datasheet HTML 7Page - Texas Instruments TPS65073RSLT Datasheet HTML 8Page - Texas Instruments TPS65073RSLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
RECOMMENDED OPERATING CONDITIONS
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com ....................................................................................................................................................................................................... SLVS950 – JULY 2009
MIN
NOM
MAX
UNIT
BATTERY CHARGER AND POWER PATH
VIN
Input voltage for power path manager at pins AC or USB
4.30
17
V
Input voltage for power path manager at pins AC or USB, charger and power path
4.30
5.8
active (no overvoltage lockout)
Input voltage for power path manager at pins AC or USB in case there is no battery
3.6
17
connected at pin BAT
IIN
Input current at AC pin
2.5
A
Input current at USB pin
1.3
IBAT
Current at BAT pin
2
A
DCDC CONVERTERS AND LDOS
VINDCDC
Input voltage range for step-down converter DCDC1, DCDC2, DCDC3
2.8
6.3(1)
V
VDCDC1
Output voltage range for VDCDC1 step-down converter
0.6
VINDCDC1
V
VDCDC2
Output voltage range for VDCDC2, DCDC3 step-down converter
0.6
VINDCDC2
V
VINLDOx
Input voltage range for LDO1 and LDO2
1.8
6.3(1)
V
VLDO1
Output voltage range for LDO1
0.9
3.3
V
VLDO2
Output voltage range for LDO2
0.8
3.3
V
IOUTDCDC1
Output current at L1
600
mA
L1
Inductor at L1 (2)
1.5
2.2
µH
CINDCDC12
Input Capacitor at VINDCDC1 and VINDCDC2(2)
22
µF
COUTDCDC1
Output Capacitor at VDCDC1(2)
10
22
µF
IOUTDCDC2
Output current at L2
1500
mA
L2
Inductor at L2(2)
1.5
2.2
µH
COUTDCDC2
Output Capacitor at VDCDC2 (2)
10
22
µF
IOUTDCDC3
Output current at L3
1500
mA
L3
Inductor at L3(2)
1.5
2.2
µH
CINDCDC3
Input Capacitor at VINDCDC3(2)
10
µF
COUTDCDC3
Output Capacitor at VDCDC3(2)
10
22
µF
L4
Inductor at L4 (2)
22
µH
COUTWLED
Output Capacitor at wLED boost converter
4.7
µF
CINLDO1/2
Input Capacitor at VINLDO1/2
2.2
µF
COUTLDO1
Output Capacitor at VLDO1
2.2
µF
IOUTLDO1
Output Current at VLDO1
100
mA
COUTLDO2
Output Capacitor at VLDO2
2.2
µF
IOUTLDO2
Output Current at VLDO2
100
mA
CAC
Input Capacitor at AC
1
µF
CUSB
Input Capacitor at USB
1
µF
CBAT
Capacitor at BAT pin
10
µF
CSYS
Capacitor at SYS pin
22
100 (3)
µF
CBYPASS
Capacitor at BYPASS pin
10
µF
CINT_LDO
Capacitor at INT_LDO pin
2.2
µF
CAVDD6
Capacitor at AVDD6 pin
4.7
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
6.3 V or VSYS whichever is less
(2)
See application section for more details
(3)
For proper soft-start
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65073RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65073RSLT TI-TPS65073RSLT Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65073RSLT TI-TPS65073RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65073RSLT TI1-TPS65073RSLT Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65073RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com