Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73430DRVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73430DRVR
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73430DRVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73430DRVR Datasheet HTML 7Page - Texas Instruments TPS73430DRVR Datasheet HTML 8Page - Texas Instruments TPS73430DRVR Datasheet HTML 9Page - Texas Instruments TPS73430DRVR Datasheet HTML 10Page - Texas Instruments TPS73430DRVR Datasheet HTML 11Page - Texas Instruments TPS73430DRVR Datasheet HTML 12Page - Texas Instruments TPS73430DRVR Datasheet HTML 13Page - Texas Instruments TPS73430DRVR Datasheet HTML 14Page - Texas Instruments TPS73430DRVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPS73401DDCR
PREVIEW
SOT
DDC
5
3000
TBD
Call TI
Call TI
TPS73401DDCT
PREVIEW
SOT
DDC
5
250
TBD
Call TI
Call TI
TPS73401DRVR
ACTIVE
SON
DRV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73401DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73418DRBR
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
TPS73418DRBT
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
TPS73418DRVR
ACTIVE
SON
DRV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73418DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73430DRBR
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
TPS73430DRBT
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
TPS73430DRVR
ACTIVE
SON
DRV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73430DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73433DDCR
PREVIEW
SOT
DDC
5
3000
TBD
Call TI
Call TI
TPS73433DDCT
PREVIEW
SOT
DDC
5
250
TBD
Call TI
Call TI
TPS73433DRBR
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
TPS73433DRBT
PREVIEW
SON
DRB
8
TBD
Call TI
Call TI
TPS73433DRVR
ACTIVE
SON
DRV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73433DRVT
ACTIVE
SON
DRV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
PACKAGE OPTION ADDENDUM
www.ti.com
28-Jul-2009
Addendum-Page 1


Similar Part No. - TPS73430DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73430DRVR TI1-TPS73430DRVR Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73430DRVR TI1-TPS73430DRVR Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73430DRVR TI-TPS73430DRVR Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS73430DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_16 Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com