Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658610ZQZR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS658610ZQZR
Description  Advanced Power Management Unit
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658610ZQZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS658610ZQZR Datasheet HTML 7Page - Texas Instruments TPS658610ZQZR Datasheet HTML 8Page - Texas Instruments TPS658610ZQZR Datasheet HTML 9Page - Texas Instruments TPS658610ZQZR Datasheet HTML 10Page - Texas Instruments TPS658610ZQZR Datasheet HTML 11Page - Texas Instruments TPS658610ZQZR Datasheet HTML 12Page - Texas Instruments TPS658610ZQZR Datasheet HTML 13Page - Texas Instruments TPS658610ZQZR Datasheet HTML 14Page - Texas Instruments TPS658610ZQZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
2.5
ELECTRICAL CHARACTERISTICS
TPS658610
Advanced Power Management Unit
www.ti.com
SLVS884 – JUNE 2009
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FAST CHARGE CURRENT , V(VIN_CHG) > V(BAT) + 0.2V , V(BAT) > VLOWBAT, t< TCHG
IO(BAT)
Charge current range
IO(BAT) = KSET/RISET DPPM/Thermal loops not active
0.1
1.03
A
11, 100% scaling
703
865
1020
10, 75% scaling
506
648
773
RISET = 1 kΩ, scalable via I
2C, (ISET_1, ISET_0)
KSET
Charge current set factor
A
=
01, 50% scaling
325
432
530
00, 25% scaling
145
215
293
PRE CHARGE CURRENT , V(VIN_CHG) > V(BAT) + 0.1V , VSH(BAT) < V(BAT) < VLOWBAT , t < TPRECHG
IO(PRECHG)
Precharge current range
IO(PRECHG) = KPRECHG/RISET DPPM/Thermal loops not active
10
170
mA
00
13
43
71
01
48
85
110
0C<TJ<125°C RISET=I kΩ,scalable via I
2C,
KPRECHG
Precharge current set factor
A
(IPCH_1, IPCH_0)=
10
80
126
159
11
85
166
200
CHARGE CURRENT REDUCTION - THERMAL, DPPM LOOPS ACTIVE (TJ > TSTRCHG, V(SYS) < VSYSDPPM )
KTHERMAL
Thermal loop factor
Charge Current (ICHG) = IO(BAT) × (1 – KTHERM × (TJ – TSTRCHG)/100)
10
%/
°C
KDPPM
DPPM loop factor
Charge Current (ICHG ) = IO(BAT) × (1 – KDPPM × 10 × (VSYS(DPPM) – V(SYS)))
0.8
%/mV
CHARGE REGULATION VOLTAGE , V(VIN_CHG) > VO(BATREG) + 0.3V
RSVD4B4=HI
4.3, 4.35, 4.4, 4.45
V
Voltage options, Selection via I
2C
RSVD4B4=LO
4.1, 4.15, 4.2, 3.95
Battery charge voltage, selectable via
VO(BATREG)
Accuracy, TA = 25°C, relative to selected value
–0.55%
0.95%
I
2C
Total Accuracy, relative to selected value
–0.85
1.2
V
Total Accuracy range for selected value of 4.2 V
4.16
4.25
CHARGE TERMINATION, V(BAT) > VRCH, t < TTERM, VOLTAGE REGULATION MODE SET
ITERM
Charge termination current range
ITERM = KTERM/RISET
10
170
mA
00
18
40
50
AC input selected
01
42
82
112
or USBMODE=HI
10
70
140
188
170mA
40mA<ITERM</=170mA, scalable via I
2C,
KTERM
Charge termination detection factor
A
11
85
165
208
(ITERM_1, ITERM_0)=
USB input selected,
(USBMODE=LO and
18
40
50
USBLIM=LO)
(2)
TDGL(TERM)
Deglitch time, termination detection
I(BAT) < ITERM
25
ms
CHARGER DPPM LOOP AND SM2 CONTROL
00
3.413
3.5
3.588
01
3.656
3.75
3.844
SYS DPPM detection threshold ,
Charge current reduced for V(SYS)<VSYS(DPPM), VSYS(DPPM) set via I
2C,
VSYS(DPPM
V
selectable via I
2C
(SYSDPPM_1, SYSDPPM_0) =
10
3.9
4.0
4.1
11
4.144
4.25
4.356
VSM2TRK
SM2 output voltage
Battery tracking enabled – V(BAT)+value
0.17
0.265
0.37
V
Submit Documentation Feedback
Electrical Specifications
11


Similar Part No. - TPS658610ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658610A TI1-TPS658610A Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZR TI1-TPS658610AZQZR Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZT TI1-TPS658610AZQZT Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658610ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com