Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658610ZQZR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS658610ZQZR
Description  Advanced Power Management Unit
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658610ZQZR Datasheet(HTML) 2 Page - Texas Instruments

  TPS658610ZQZR Datasheet HTML 1Page - Texas Instruments TPS658610ZQZR Datasheet HTML 2Page - Texas Instruments TPS658610ZQZR Datasheet HTML 3Page - Texas Instruments TPS658610ZQZR Datasheet HTML 4Page - Texas Instruments TPS658610ZQZR Datasheet HTML 5Page - Texas Instruments TPS658610ZQZR Datasheet HTML 6Page - Texas Instruments TPS658610ZQZR Datasheet HTML 7Page - Texas Instruments TPS658610ZQZR Datasheet HTML 8Page - Texas Instruments TPS658610ZQZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
ORDERING INFORMATION
2
Electrical Specifications
2.1
ABSOLUTE MAXIMUM RATINGS
TPS658610
Advanced Power Management Unit
SLVS884 – JUNE 2009
www.ti.com
TA
PART NUMBER(1) (2)
PACKAGE(3)
PACKAGE DESIGNATOR
ORDERING(1)
PACKAGE MARKING
–40
°C to 85°C
TPS658610
ZQZ
TPS658610
TPS658610
(1)
The TPS658610 is only available taped and reeled. Quantities are 2,500 devices per reel.
(2)
Devices with distinct part numbers have unique factory configurations for supply defaults, sequencing and other functions. Consult the
factor for configuration information for each part number.
(3)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNITS
AC and USB with respect to AGND1
–0.3 V to 18 V
ANLG1, ANLG2, ANLG3 with respect to AGND2
–0.3 V to 6.5 V
V(SYS), V(VIN_CHG) with respect to AGND1
–0.3 V to 6.5 V
VIN_LDO01, VIN_LDO23, VIN_LDO4, VIN_LDO678, VIN_LDO9 with respect to AGND1
–0.3 V to 6.5 V
ADC_REF with respect to AGND2
–0.3 V to 3.6 V
RTC_OUT with respect to V(SYS)
–5.5 V to 3.6 V
RTC_OUT with respect to AGND1
–0.3 V to 3.6 V
LDO0, LDO1, LDO2, LDO3, LDO4, LDO5, LDO6, LDO7, LDO8, LDO9, V2V2 and TS with respect to AGND1
–0.3 V to 3.6 V
V32K with respect to AGND1
–0.3 V to 3.6 V
TS with respect to V2V2
–2.3 V to 0.3 V
SM0, L0, VIN_SM0 with respect to PGND0
–0.3 V to 6.5 V
SM1, L1, VIN_SM1 with respect to PGND1
–0.3 V to 6.5 V
SM2, L2, VIN_SM2 with respect to PGND2
–0.3 V to 6.5 V
SM3 , L3 with respect to PGND3
–0.3 V to 29 V
SM3SW with respect to PGND3
–0.3 V to 29 V
FB3 with respect to PGND3
–0.3 V to 0.5 V
V(BAT) with respect to AGND1, Battery power only
–0.3 V to 4.6 V
All other pins (except AGNDn and PGNDn) with respect to AGND1
–0.3 V to 6.5 V
AGND2, AGND3, , DGND1, DGND2DT, PGND0, PGND1, PGND2, PGND3 with respect to AGND1
–0.3 V to +0.3 V
Input Current, AC pin
Defined by ILIM
Input Current, USB pin
Defined by ILIM
Output continuous current, SYS, VIN_CHG pins
2500 mA
Output continuous current, BAT pin
–3000 mA
Continuous Current at L0, PGND0, L1, PGND1
1500 mA
Continuous Current at L3, PGND3
1000 mA
Continuous Current at L2, PGND2
2000 mA
Operating free-air temperature, TA
–40
°C to 85°C
Maximum junction temperature, TJ
125
°C
Storage temperature, TSTG
–65
°C to 150°C
Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds
260
°C
HBM rating , all pins
2 kV
MM rating, all pins
100 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Electrical Specifications
2
Submit Documentation Feedback


Similar Part No. - TPS658610ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658610A TI1-TPS658610A Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZR TI1-TPS658610AZQZR Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZT TI1-TPS658610AZQZT Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658610ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com