Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA709C Datasheet(PDF) 1 Page - Texas Instruments

Part # UA709C
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA709C Datasheet(HTML) 1 Page - Texas Instruments

  UA709C Datasheet HTML 1Page - Texas Instruments UA709C Datasheet HTML 2Page - Texas Instruments UA709C Datasheet HTML 3Page - Texas Instruments UA709C Datasheet HTML 4Page - Texas Instruments UA709C Datasheet HTML 5Page - Texas Instruments UA709C Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
uA709C, uA709M, uA709AM
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS096 – D942, FEBRUARY 1971 – REVISED MAY 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1988, Texas Instruments Incorporated
1
Common-Mode Input Range . . . ±10 V
Typical
Designed to Be Interchangeable With
Fairchild
µA709A, µA709, and µA709C
Maximum Peak-to-Peak Output Voltage
Swing . . . 28-V Typical With 15-V Supplies
description
These circuits are general-purpose operational
amplifiers,
each
having
high-impedance
differential inputs and a low-impedance output.
Component
matching,
inherent
with
silicon
monolithic
circuit-fabrication
techniques,
produces an amplifier with low-drift and low-offset
characteristics. Provisions are incorporated within
the circuit whereby external components may be
used to compensate the amplifier for stable
operation
under
various
feedback
or
load
conditions. These amplifiers are particularly
useful for applications requiring transfer or
generation of linear or nonlinear functions.
The uA709A circuit features improved offset
characteristics,
reduced
input-current
requirements, and lower power dissipation when
compared to the uA709 circuit. In addition,
maximum values of the average temperature
coefficients of offset voltage and current are
specified for the uA709A.
The uA709C is characterized for operation from
0
°C to 70°C. The uA709AM and uA709M are
characterized for operation over the full military
temperature range of – 55
°C to 125°C.
AVAILABLE OPTIONS
VIO max
PACKAGE
TA
VIO max
AT 25
°C
SMALL OUTLINE
(D)
CERAMIC
(J)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
FLAT PACK
(U)
FLAT PACK
(W)
0
°C
to
70
°C
7.5 mV
uA709CD
uA709CJG
uA709CP
–55
°C
to
125
°C
5 mV
2 mV
uA709MJ
uA709AMJ
uA709MJG
uA709AMJG
uA709MU
uA709AMU
uA709MW
uA709AMW
The D package is available taped and reeled. Add the suffix R to the device type when ordering, (e.g., uA709CDR).
symbol
IN –
+
OUT FREQ COMP
OUT
IN +
COMP
FREQ
B
A
FREQ
COMP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC
FREQ COMP B
IN –
IN +
VCC –
NC
NC
NC
FREQ COMP A
VCC +
OUT
OUT FREQ COMP
NC
uA709AM, uA709M ...J OR W PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
8
7
6
5
FREQ COMP B
IN –
IN +
VCC –
FREQ COMP A
VCC +
OUT
OUT FREQ COMP
uA709AM, uA709M ... JG PACKAGE
uA709C . . . D, JG, OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NC
FREQ COMP B
IN –
IN +
VCC
NC
FREQ COMP A
VCC +
OUT
OUT FREQ COMP
uA709AM, uA709M ...U FLAT PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - UA709C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UA709 FAIRCHILD-UA709 Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709ADM FAIRCHILD-UA709ADM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709AHM FAIRCHILD-UA709AHM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709DC FAIRCHILD-UA709DC Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709DM FAIRCHILD-UA709DM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
More results

Similar Description - UA709C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com