Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A27518EZQSR Datasheet(PDF) 8 Page - Texas Instruments

Part # TS3A27518EZQSR
Description  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A27518EZQSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3A27518EZQSR Datasheet HTML 4Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 5Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 6Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 7Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 8Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 9Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 10Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 11Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TS3A27518E
SCDS260B – MARCH 2009 – REVISED MAY 2009........................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (continued)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
VNC or VNO = Open,
25°C
–2
0.02
2
COM
VCOM = 0.3 V,
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
µA
See Figure 17
Full
–5.2
5.2
current
VNC or VNO = Open,
VCOM = 1.65 V,
Digital Control Inputs (IN1, IN2, EN)(2)
Input logic high
VIH
VI = V+ or GND
Full
1.95 V
1
3.6
V
Input logic low
VIL
Full
1.95 V
0
0.4
V
25°C
-0.1
0.01
0.1
Input leakage current
IIH, IIL
VI = V+ or 0
1.95 V
µA
Full
-2.1
2.1
Dynamic
25°C
1.8 V
14.1
49.3
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
1.65 V to 1.95
RL = 50 Ω,
See Figure 19
Full
56.7
V
25°C
1.8 V
16.1
26.5
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
1.65 V to 1.95
RL = 50 Ω,
See Figure 19
Full
31.2
V
25°C
1.8 V
5.3
18.4
58
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
1.65 V to 1.95
make time
RL = 50 Ω,
See Figure 20
Full
58
V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
1.8 V
0.21
pC
RGEN = 0,
See Figure 24
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 18
25°C
1.8 V
9
pF
OFF capacitance
CNO(OFF)
Switch OFF,
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 18
25°C
1.8 V
22
pF
ON capacitance
CNO(ON)
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 18
25°C
1.8 V
22
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND
See Figure 18
25°C
1.8 V
2
pF
capacitance
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25°C
1.8 V
240
MHz
See Figure 20
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
1.8 V
-60
dB
f = 10 MHz,
See Figure 22
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
1.8 V
-60
dB
f = 10 MHz,
See Figure 23
RL = 50 Ω,
Switch ON,
Crosstalk adjacent
XTALK(ADJ)
25°C
1.8 V
-71
dB
f = 10 MHz,
See Figure 23
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
1.8 V
0.1
%
distortion
CL = 50 pF,
See Figure 25
Supply
25°C
0.01
0.1
Positive
I+
VI = V+ or GND,
Switch ON or OFF
1.95 V
µA
supply current
Full
1.5
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS3A27518E


Similar Part No. - TS3A27518EZQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A27518EZQSR TI1-TS3A27518EZQSR Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

Similar Description - TS3A27518EZQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A27518E-Q1 TI1-TS3A27518E-Q1 Datasheet
956Kb / 30P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E_15 Datasheet
1Mb / 29P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com