Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA748MU Datasheet(PDF) 7 Page - Texas Instruments

Part # UA748MU
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA748MU Datasheet(HTML) 7 Page - Texas Instruments

  UA748MU Datasheet HTML 1Page - Texas Instruments UA748MU Datasheet HTML 2Page - Texas Instruments UA748MU Datasheet HTML 3Page - Texas Instruments UA748MU Datasheet HTML 4Page - Texas Instruments UA748MU Datasheet HTML 5Page - Texas Instruments UA748MU Datasheet HTML 6Page - Texas Instruments UA748MU Datasheet HTML 7Page - Texas Instruments UA748MU Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
uA748C, uA748M
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS095 – D921, DECEMBER 1970 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
TYPICAL APPLICATION DATA
VCC +
VO
N1
COMP
30 pF
VCC –
VI
N2
(open)
ri = 400 MΩ
ci = 1 pF
BW = 1 MHz
+
Figure 11. Unity-Gain Voltage Follower
+
R2
VCC +
R1
R3
VI
VCC –
CC
COMP
N1
N2
5 M
5.1 M
VO
RL ≥ 2 kΩ
V
O
V
I
+* R2
R1
C
C w
R1
@ 30 pF
R1
) R2
R3
+ R1 @ R2
R1
) R2
Figure 12. Inverting Circuit With Adjustable Gain
Compensation and Offset Adjustment


Similar Part No. - UA748MU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA748M STMICROELECTRONICS-UA748M Datasheet
156Kb / 7P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
UA748MD STMICROELECTRONICS-UA748MD Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
UA748MN STMICROELECTRONICS-UA748MN Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - UA748MU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com