Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA9639 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UA9639
Description  DUAL DIFFERENTIAL LINE RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA9639 Datasheet(HTML) 2 Page - Texas Instruments

  UA9639 Datasheet HTML 1Page - Texas Instruments UA9639 Datasheet HTML 2Page - Texas Instruments UA9639 Datasheet HTML 3Page - Texas Instruments UA9639 Datasheet HTML 4Page - Texas Instruments UA9639 Datasheet HTML 5Page - Texas Instruments UA9639 Datasheet HTML 6Page - Texas Instruments UA9639 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
uA9639C
DUAL DIFFERENTIAL LINE RECEIVER
SLLS113C – OCTOBER 1986 – REVISED MARCH 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL OUTPUTS
Output
VCC
50
Ω NOM
Current
Source
Input
8 k
VCC
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-level output current, IOL
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential input voltage, are with respect to the network ground terminal.
2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
P
1000 mW
8.0 mW/
°C
640 mW


Similar Part No. - UA9639

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9639C TI1-UA9639C Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639CD TI1-UA9639CD Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639CP TI1-UA9639CP Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI1-UA9639C_14 Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results

Similar Description - UA9639

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
[Old version datasheet]   Dual Differential Line Receiver
SN75146 TI-SN75146 Datasheet
108Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
   Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
   Dual Differential Line Receiver
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
UA9637AC TI-UA9637AC Datasheet
277Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com