Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3527B Datasheet(PDF) 1 Page - Texas Instruments

Part # UC3527B
Description  Regulating Pulse Width Modulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3527B Datasheet(HTML) 1 Page - Texas Instruments

  UC3527B Datasheet HTML 1Page - Texas Instruments UC3527B Datasheet HTML 2Page - Texas Instruments UC3527B Datasheet HTML 3Page - Texas Instruments UC3527B Datasheet HTML 4Page - Texas Instruments UC3527B Datasheet HTML 5Page - Texas Instruments UC3527B Datasheet HTML 6Page - Texas Instruments UC3527B Datasheet HTML 7Page - Texas Instruments UC3527B Datasheet HTML 8Page - Texas Instruments UC3527B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UC1525B UC1527B
UC2525B UC2527B
UC3525B UC3527B
DESCRIPTION
The UC1525B/1527B series of pulse width modulator integrated circuits
are designed to offer improved performance and lowered external parts
count when used in designing all types of switching power supplies. The
on-chip +5.1V buried zener reference is trimmed to ±0.75% and the input
common-mode range of the error amplifier includes the reference voltage,
eliminating external resistors. A sync input to the oscillator allows multiple
units to be slaved or a single unit to be synchronized to an external system
clock. A single resistor between the CT and the discharge terminals provide
a wide range of dead time adjustment. These devices also feature built-in
soft-start circuitry with only an external timing capacitor required. A shut-
down terminal controls both the soft-start circuitry and the output stages,
providing instantaneous turn off through the PWM latch with pulsed shut-
down, as well as soft-start recycle with longer shutdown commands. These
functions are also controlled by an undervoltage lockout which keeps the
outputs off and the soft-start capacitor discharged for sub-normal input volt-
ages. This lockout circuitry includes approximately 500mV of hysteresis for
jitter-free operation. Another feature of these PWM circuits is a latch follow-
ing the comparator. Once a PWM pulse has been terminated for any rea-
son, the outputs will remain off for the duration of the period. The latch is
reset with each clock pulse. The output stages are totem-pole designs ca-
pable of sourcing or sinking in excess of 200mA. The UC1525B output
stage features NOR logic, giving a LOW output for an OFF state. The
UC1527B utilizes OR logic which results in a HIGH output level when OFF.
Regulating Pulse Width Modulators
FEATURES
• 8 to 35V Operation
• 5.1V Buried Zener Reference
Trimmed to ±0.75%
• 100Hz to 500kHz Oscillator Range
• Separate Oscillator Sync Terminal
• Adjustable Deadtime Control
• Internal Soft-Start
• Pulse-by-Pulse Shutdown
• Input Undervoltage Lockout with
Hysteresis
• Latching PWM to Prevent Multiple
Pulses
• Dual Source/Sink Output Drivers
• Low Cross Conduction Output Stage
• Tighter Reference Specifications
SLUS376 JULY 1995
BLOCK DIAGRAM
UDG-95055
application
INFO
available


Similar Part No. - UC3527B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3527B TI-UC3527B Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BN TI-UC3527BN Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BNG4 TI-UC3527BNG4 Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
More results

Similar Description - UC3527B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com