Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3524DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC3524DW
Description  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3524DW Datasheet(HTML) 6 Page - Texas Instruments

  UC3524DW Datasheet HTML 1Page - Texas Instruments UC3524DW Datasheet HTML 2Page - Texas Instruments UC3524DW Datasheet HTML 3Page - Texas Instruments UC3524DW Datasheet HTML 4Page - Texas Instruments UC3524DW Datasheet HTML 5Page - Texas Instruments UC3524DW Datasheet HTML 6Page - Texas Instruments UC3524DW Datasheet HTML 7Page - Texas Instruments UC3524DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
UC1524
UC2524
UC3524
Figure 4. Open loop test circuit.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410
FAX (603) 424-3460
1
2
15
INV INPUT
NON INV INPUT
16
6
VREF
RT
7CT
3OSC OUT
10 SD
12
11
13
14
4
5
9
CA
EA
CB
EB
CLSENSE(+)
CLSENSE(-)
COMP
8
GND
VIN
UC1524
V+
+28 V
5k
5k
5k
2k
5k
0.1 F
0.1 F
1k
1W
1k
1W
100
100
0.1
0.001 F
50 k
500 F
1500 F
+
2N4150
2N4150
20T
20T
5T
5T
5V
5A
Figure 3. Push-pull transformer coupled circuit.


Similar Part No. - UC3524DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3524DW TI-UC3524DW Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
UC3524DWG4 TI-UC3524DWG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
UC3524DWTR TI-UC3524DWTR Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
UC3524DWTRG4 TI-UC3524DWTRG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC3524DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A Datasheet
365Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com