Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL00233-WCY02 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00233-WCY02
Description  SMD LED 0603 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00233-WCY02 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00233-WCY02 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*Flat Lens Thin Package 1.6 x 0.8 x 0.65mm
*AlGaInP Ultra Bright Yellow Chip used
*Low Current Requirements
*High Light Output
*Compatible with IR Solder-Process
*Industry Standard Footprint
*2000 or 1000 pcs per Reel
*RoHS Compliant
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Viewing
Angle
2
θ1/2
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
nm
Deg
Typ
Max
Min
Typ
PL00233-WCY02
Yellow
AlGaInP
589
591
120°
2.1
2.4
90.0
165.0
Dominant
Wave
Length
Peak
Wave
Length
Features
Package Dimensions are in Millimeters. Tolerance is ± 0.15mm unless otherwise specified.
PL00233 Series SMD LED 0603 Package
03-23-07 REV 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Absolute Maximum Ratings at TA = 25°C
Power Dissipation…………………………………………………………….….. 120mA
Reverse Voltage (<100µA) ……………………………….….…....…..…...…….…... 5.0V
Max Forward Current …………..……………….……………....………...…..….. 50mA
Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width)..…………………………... 100mA
Operating Temperature Range ……………………….….……….…..… -40°C to + 85°C
Storage Temperature Range …………………………………...……….. -40°C to + 85°C
Reflow Soldering Temperature……………………..………...….... 260°C for 10 seconds
0.7
0.7
0.7
0.8
0.25
0.3
0.3
2
CATHODE MARK
1
0.65
1.2
1.6
1.1
0.15
0.8
1
2
Recommended Soldering Pad Layout


Similar Part No. - PL00233-WCY02

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00233-WCY01 P-TEC-PL00233-WCY01 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00233-WCY08 P-TEC-PL00233-WCY08 Datasheet
30Kb / 1P
   SMD LED 0603 Package
More results

Similar Description - PL00233-WCY02

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00130-WCR27 P-TEC-PL00130-WCR27_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00133-WCG25 P-TEC-PL00133-WCG25_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00236-WCA02 P-TEC-PL00236-WCA02 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00236-WCR10 P-TEC-PL00236-WCR10 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00236-WCY08 P-TEC-PL00236-WCY08 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCG17 P-TEC-PL00230-WCG17 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCR10 P-TEC-PL00230-WCR10 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCY08 P-TEC-PL00230-WCY08 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00232-WCW03 P-TEC-PL00232-WCW03 Datasheet
27Kb / 1P
   SMD LED 0603 Package
PL00233-WCA04 P-TEC-PL00233-WCA04 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00233-WCB08 P-TEC-PL00233-WCB08 Datasheet
31Kb / 1P
   SMD LED 0603 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com