Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3524DWTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3524DWTR
Description  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3524DWTR Datasheet(HTML) 2 Page - Texas Instruments

  UC3524DWTR Datasheet HTML 1Page - Texas Instruments UC3524DWTR Datasheet HTML 2Page - Texas Instruments UC3524DWTR Datasheet HTML 3Page - Texas Instruments UC3524DWTR Datasheet HTML 4Page - Texas Instruments UC3524DWTR Datasheet HTML 5Page - Texas Instruments UC3524DWTR Datasheet HTML 6Page - Texas Instruments UC3524DWTR Datasheet HTML 7Page - Texas Instruments UC3524DWTR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UC1524
UC2524
UC3524
EA
CL
REF
REG
1
2
4
5
3
6
7
8
16
15
14
13
12
11
10
9
OSC
S/D
INV INPUT
NON INV
INPUT
OSC OUT
CLSENSE(+)
CLSENSE (–-)
R
T
GND
C
T
V
REF
V
IN
E
B
C
B
C
A
E
A
S/D
COMP
CONNECTION DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VCC (Notes 2 and 3) . . . . . . . . . . . . . . . . . 40V
Collector Output Current. . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Reference Output Current . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Current Through CT Terminal . . . . . . . . . . . . . . . . . . . . . . –5mA
Power Dissipation at TA = +25°C (Note 4). . . . . . . . . . 1000mW
Power Dissipation at TC = +25°C (Note 4). . . . . . . . . . 2000mW
Operating Junction Temperature Range . . . . –55°C to +150°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Note 1: Over operating free-air temperature range unless oth-
erwise noted.
Note 2: All voltage values are with respect to the ground termi-
nal, pin 8.
Note 3: The reference regulator may be bypassed for operation
from a fixed 5V supply by connecting the VCC and ref-
erence output pins both to the supply voltage. In this
configuration the maximum supply voltage is 6V.
Note 4: Consult packaging section of databook for thermal lim-
itations and considerations of package.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage, VCC. . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 40V
Reference Output Current . . . . . . . . . . . . . . . . . . . . . 0 to 20mA
Current through CT Terminal . . . . . . . . . . . . . –0.03mA to –2mA
Timing Resistor, RT . . . . . . . . . . . . . . . . . . . . . 1.8k
Ω to 100kΩ
Timing Capacitor, CT . . . . . . . . . . . . . . . . . . . 0.001
µF to 0.1µF
Operating Ambient Temperature Range
UC1524 . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55°C to +125°C
UC2524 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25°C to +85°C
UC3524 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C
for the UC1524, –25°C to +85°C for the UC2524, and 0°C to +70°C for the UC3524, VIN = 20V, and f = 20kHz,
TA =TJ.
PARAMETER
TEST CONDITIONS
UC1524/UC2524
UC3524
UNITS
MIN
MAX
MIN
MAX
Reference Section
Output Voltage
4.8
5.0
5.2
4.6
5.0
5.4
V
Line Regulation
VIN = 8 to 40V
10
20
10
30
mV
Load Regulation
IL = 0 to 20mA
20
50
20
50
mV
Ripple Rejection
f = 120Hz, TJ = 25°C
66
66
dB
Short Circuit Current Limit
VREF = 0, TJ = 25°C
100
100
mA
Temperature Stability
Over Operating Temperature Range
0.3
1
0.3
1
%
Long Term Stability
TJ = 125°C, t = 1000 Hrs.
20
20
mV
Oscillator Section
Maximum Frequency
CT = .001mfd, RT = 2kΩ
300
300
kHz
Initial Accuracy
RT and CT Constant
5
5
%
Voltage Stability
VIN = 8 to 40V, TJ = 25°C
1
1
%
Temperature Stability
Over Operating Temperature Range
5
5
%
Output Amplitude
Pin 3, TJ = 25°C
3.5
3.5
V
Output Pulse Width
CT = .01mfd, TJ = 25°C
0.5
0.5
µs
Error Amplifier Section
Input Offset Voltage
VCM = 2.5V
0.5
5
2
10
mV
Input Bias Current
VCM = 2.5V
2
10
2
10
µA
Open Loop Voltage Gain
72
80
60
80
dB
Common Mode Voltage
TJ = 25°C
1.8
3.4
1.8
3.4
V


Similar Part No. - UC3524DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3524DWTR TI-UC3524DWTR Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
UC3524DWTRG4 TI-UC3524DWTRG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC3524DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A Datasheet
365Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com