Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3525BJ Datasheet(PDF) 8 Page - Texas Instruments

Part # UC3525BJ
Description  Regulating Pulse Width Modulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3525BJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC3525BJ Datasheet HTML 4Page - Texas Instruments UC3525BJ Datasheet HTML 5Page - Texas Instruments UC3525BJ Datasheet HTML 6Page - Texas Instruments UC3525BJ Datasheet HTML 7Page - Texas Instruments UC3525BJ Datasheet HTML 8Page - Texas Instruments UC3525BJ Datasheet HTML 9Page - Texas Instruments UC3525BJ Datasheet HTML 10Page - Texas Instruments UC3525BJ Datasheet HTML 11Page - Texas Instruments UC3525BJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-8951105EA
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
Level-NC-NC-NC
5962-8951105V2A
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
5962-8951105VEA
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
UC1525BJ
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
Level-NC-NC-NC
UC1525BJ883B
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
Level-NC-NC-NC
UC1525BJQMLV
ACTIVE
CDIP
J
16
TBD
Call TI
Call TI
UC1525BLQMLV
ACTIVE
LCCC
FK
20
TBD
Call TI
Call TI
UC2525BDWTR
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2525BDWTRG4
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3525BDW
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3525BDWTR
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3525BDWTRG4
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3525BN
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UC3525BNG4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UC3527BN
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UC3527BNG4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
10-Oct-2005
Addendum-Page 1


Similar Part No. - UC3525BJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3525B TI-UC3525B Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525BDW TI-UC3525BDW Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525BDWG4 TI-UC3525BDWG4 Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525BDWTR TI-UC3525BDWTR Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525BDWTRG4 TI-UC3525BDWTRG4 Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
More results

Similar Description - UC3525BJ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com