Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2526Q Datasheet(PDF) 5 Page - Texas Instruments

Part # UC2526Q
Description  Regulating Pulse Width Modulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2526Q Datasheet(HTML) 5 Page - Texas Instruments

  UC2526Q Datasheet HTML 1Page - Texas Instruments UC2526Q Datasheet HTML 2Page - Texas Instruments UC2526Q Datasheet HTML 3Page - Texas Instruments UC2526Q Datasheet HTML 4Page - Texas Instruments UC2526Q Datasheet HTML 5Page - Texas Instruments UC2526Q Datasheet HTML 6Page - Texas Instruments UC2526Q Datasheet HTML 7Page - Texas Instruments UC2526Q Datasheet HTML 8Page - Texas Instruments UC2526Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TTL, open-drain CMOS, and open-collector voltage com-
parators; fan-in is equivalent to 1 low-power Schottky
gate. Each port is normally HIGH; the pin is pulled LOW
to activate the particular function. Driving SYNC
______
LOW in-
itiates a discharge cycle in the oscillator. Pulling
SHUTDOWN
____________
LOW immediately inhibits all PWM output
pulses. Holding RESET
_______
LOW discharges the soft-start
capacitor. The logic threshold is +1.1V at +25°C. Noise
immunity can be gained at the expense of fan-out with an
external 2k pull-up resistor to +5V.
Oscillator
The oscillator is programmed for frequency and dead time
with three components: RT, CT and RD. Two waveforms
are generated: a sawtooth waveform at pin 10 for pulse
width modulation, and a logic clock at pin 12. The follow-
ing procedure is recommended for choosing timing val-
ues:
1. With RD = 0 (pin 11 shorted to ground) select values
for RT and CT from Figure 7 to give the desired oscillator
period. Remember that the frequency at each driver out-
put is half the oscillator frequency, and the frequency at
the +VC terminal is the same as the oscillator frequency.
2. If more dead time is required, select a large value of
RD. At 40kHz dead time increases by 400ns/
Ω .
3. Increasing the dead time will cause the oscillator fre-
quency to decrease slightly. Go back and decrease the
value of RT slightly to bring the frequency back to the
nominal design value.
The UC1526 can be synchronized to an external logic
clock by programming the oscillator to free-run at a fre-
quency 10% slower than the sync frequency. A periodic
LOW logic pulse approximately 0.5
µs wide at the SYNC
______
pin will then lock the oscillator to the external frequency.
Multiple devices can be synchronized together by pro-
gramming one master unit for the desired frequency and
then sharing its sawtooth and clock waveforms with the
slave units. All CT terminals are connected to the CT pin
of the master, and all SYNC
______
terminals are likewise con-
nected to the SYNC
______
pin of the master. Slave RT termi-
nals are left open or connected to VREF.
Slave RD
terminals may be either left open or grounded.
Error Amplifier
The error amplifier is a transconductance design, with an
output impedance of 2M
Ω . Since all voltage gain takes
place at the output pin, the open-loop gain/frequency
characteristics can be controlled with shunt reactance to
ground. When compensated for unity-gain stability with
100pF, the amplifier has an open-loop pole at 800Hz.
The input connections to the error amplifier are deter-
mined by the polarity of the switching supply output volt-
age. For positive supplies, the common-mode voltage is
+5.0V and the feedback connections in Figure 6A are
used. With negative supplies, the common-mode voltage
is ground and the feedback divider is connected between
the negative output and the +5.0V reference voltage, as
shown in Figure 6B.
Output Drivers
The totem-pole output drivers of the UC1526 are de-
signed to source and sink 100mA continuously and
200mA peak. Loads can be driven either from the output
pins 13 and 16, or from the +VC, as required.
Since the bottom transistor of the totem-pole is allowed to
saturate, there is a momentary conduction path from the
+VC terminal to ground during switching. To limit the re-
sulting current spikes a small resistor in series with pin 14
is always recommended.
The resistor value is deter-
mined by the driver supply voltage, and should be chosen
for 200mA peak currents.
UC1526
UC2526
UC3526
Figure 5. Oscillator Connections and Waveforms
Figure 4. Digital Control Port Schematic
APPLICATIONS INFORMATION (cont.)
5


Similar Part No. - UC2526Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2526 TI-UC2526 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526 TI-UC2526 Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526 TI1-UC2526 Datasheet
615Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526 TI-UC2526 Datasheet
678Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526A TI-UC2526A Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Similar Description - UC2526Q

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com