Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2526AL Datasheet(PDF) 7 Page - Texas Instruments

Part # UC2526AL
Description  Regulating Pulse Width Modulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2526AL Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2526AL Datasheet HTML 3Page - Texas Instruments UC2526AL Datasheet HTML 4Page - Texas Instruments UC2526AL Datasheet HTML 5Page - Texas Instruments UC2526AL Datasheet HTML 6Page - Texas Instruments UC2526AL Datasheet HTML 7Page - Texas Instruments UC2526AL Datasheet HTML 8Page - Texas Instruments UC2526AL Datasheet HTML 9Page - Texas Instruments UC2526AL Datasheet HTML 10Page - Texas Instruments UC2526AL Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TYPICAL CHARACTERISTICS
OSCILLATOR PERIOD vs RT and CT
OUTPUT BLANKING
Figure 8. Single-Ended Configuration
Figure 9. Driving N-Channel Power MOSFETs
Output Drivers
The totem pole output drivers of the UC1526A are de-
signed to source and sink 100mA continuously and
200mA peak. Loads can be driven either from the output
pins 13 and 16, or from the +VC, as required.
Since the bottom transistor of the totem-pole is allowed to
saturate, there is a momentary conduction path from the
+VC terminal to ground during switching; however, im-
proved design has limited this cross-conduction period to
less than 50ns. Capacitor decoupling at VC is recom-
mended and careful grounding of Pin 15 is needed to in-
sure that high peak sink currents from a capacitive load
do not cause ground transients.
APPLICATIONS INFORMATION (cont.)
UC1526A
UC2526A
UC3526A
7


Similar Part No. - UC2526AL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2526A TI1-UC2526A Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526A TI-UC2526A Datasheet
678Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526ADW TI1-UC2526ADW Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526ADWG4 TI1-UC2526ADWG4 Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526ADWTR TI1-UC2526ADWTR Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Similar Description - UC2526AL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com