Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9168901MXA Datasheet(PDF) 3 Page - Texas Instruments

Part # 5962-9168901MXA
Description  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9168901MXA Datasheet(HTML) 3 Page - Texas Instruments

  5962-9168901MXA Datasheet HTML 1Page - Texas Instruments 5962-9168901MXA Datasheet HTML 2Page - Texas Instruments 5962-9168901MXA Datasheet HTML 3Page - Texas Instruments 5962-9168901MXA Datasheet HTML 4Page - Texas Instruments 5962-9168901MXA Datasheet HTML 5Page - Texas Instruments 5962-9168901MXA Datasheet HTML 6Page - Texas Instruments 5962-9168901MXA Datasheet HTML 7Page - Texas Instruments 5962-9168901MXA Datasheet HTML 8Page - Texas Instruments 5962-9168901MXA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
UC1625
UC2625
UC3625
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for: TA = 25
°C; Pwr VCC = VCC = 12V;
ROSC = 20k to VREF; COSC = 2nF; RTACH = 33k; CTACH = 10nF; and all outputs unloaded. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM Amp/Comparator (cont.)
E/A Out Range
0.25
3.50
V
SSTART Pull-up Current
To 0V
–16
–10
–5
µA
SSTART Discharge Current
To 2.5V
0.1
0.4
3.0
mA
SSTART Restart Threshold
0.1
0.2
0.3
V
Current Amp
Gain
ISENSE1 = .3V, ISENSE2 = .5V to .7V
1.75
1.95
2.15
V/V
Level Shift
ISENSE1 = .3V, ISENSE2 = .3V
2.4
2.5
2.65
V
Peak Current Threshold
ISENSE1 = 0V, Force ISENSE2
0.14
0.20
0.26
V
Over Current Threshold
ISENSE1 = 0V, Force ISENSE2
0.26
0.30
0.36
V
ISENSE1, ISENSE2 Input Current
To 0V
–850
–320
0
µA
ISENSE1, ISENSE2 Offset Current
To 0V
±2
±12
µA
Range ISENSE1, ISENSE2
–1
2
V
Tachometer/Brake
Tach-Out High Level
Over Operating Range, 10k to 2.5V
4.7
5
5.3
V
Tach-Out Low Level
Over Operating Range, 10k to 2.5V
0.2
V
On Time
170
220
280
µs
On Time Change With Temp
Over Operating Range
0.1
%
RC-Brake Input Current
To 0V
–4.0
–1.9
mA
Threshold to Brake, RC-Brake
Over Operating Range
0.8
1.0
1.2
V
Brake Hysteresis, RC-Brake
0.09
V
Speed-In Threshold
Over Operating Range
220
257
290
mV
Speed-In Input Current
–30
–5
30
µA
Low-Side Drivers
Voh, –1mA, Down From VCC
Over Operating Range
1.60
2.1
V Voh, –50mA, Down From VCC
Over Operating Range
1.75
2.2
V
Vol, 1mA
Over Operating Range
0.05
0.4
V
Vol, 50mA
Over Operating Range
0.36
0.8
V
Rise/Fall Time
10% to 90% Slew Time, into 1nF
50
ns
High-Side Drivers
Vol, 1mA
Over Operating Range
0.1
0.4
V
Vol, 50mA
Over Operating Range
1.0
1.8
V
Leakage Current
Output Voltage = 50V
25
µA
Fall Time
10% to 90% Slew Time, 50mA Load
50
ns
Oscillator
Frequency
40
50
60
kHz
Frequency
Over Operating Range
35
65
kHz
Reference
Output Voltage
4.9
5.0
5.1
V
Output Voltage
Over Operating Range
4.7
5.0
5.3
V
Load Regulation
0mA to –20mA Load
–40
–5
mV
Line Regulation
10V to 18V VCC
–10
–1
10
mV
Short Circuit Current
Over Operating Range
50
100
150
mA


Similar Part No. - 5962-9168901MXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9168901MXA TI1-5962-9168901MXA Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Similar Description - 5962-9168901MXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com