Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKC-HTC-2010LF-1M50-F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # TKC-HTC-2010LF-1M50-F
Description  High Temperature Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TKC-HTC-2010LF-1M50-F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  TKC-HTC-2010LF-1M50-F Datasheet HTML 1Page - IRC - a TT electronics Company. TKC-HTC-2010LF-1M50-F Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TTelectronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
HTC Series Issue May 2009
Electrical Data
Operation to 200°C
Excellent high temperature stability
Improved working voltage ratings
Pb-free wrap-around terminations
Standard chip sizes available from 1206 to 2512
High Temperature
Thick Film Chip Resistors
Environmental Data
Test
Method
Specification
Maximum2
Typical
Load Life
MIL-STD-202 Method 108
(Rated Power for 1000hrs @ 150°C)
1.00%
0.25%
High Temperature Exposure
1000 hours @ 200°C
1.00%
0.20%
Short Time Overload
MIL-PRF-55342H
(6.25X rated power for 5secs)
1.00%
0.10%
Moisture Resistance
MIL-STD-202 Method 106G
1.00%
0.25%
Thermal Shock
MIL-STD-202 Method 107G Condition B
0.25%
0.05%
Resistance to Soldering Heat
MIL-STD-202 Method 210F
0.25%
0.05%
Solderability
MIL-STD-202 Method 208
(245°C, 5 seconds)
>95% Coverage
Characteristic
1206
2010
2512
Resistance Range
1
W to 10MW; ±1%, ±5%
10
W to 1MW; ±0.5%, ±5%, ±1%
150°C Power Rating
200mW
500mW
750mW
Max Voltage Rating
200V
400V
500V
Absolute TCR
± 100ppm/°C
Operating Temperature
-55°C to +200°C
Pad/Trace Area1
80mm2
200mm2
300mm2
Termination
Wrap-around Pb-free with leach resistant Ni barrier
Note1 : Recommended minimum pad and adjacent trace area for each termination for rated power on FR4 PCB.
HTC Series
Note2 : 0.01W added for all resistance values <10W.


Similar Part No. - TKC-HTC-2010LF-1M50-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TKC-HVC1206100K-D IRCTT-TKC-HVC1206100K-D Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-F IRCTT-TKC-HVC1206100K-F Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-G IRCTT-TKC-HVC1206100K-G Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-J IRCTT-TKC-HVC1206100K-J Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
More results

Similar Description - TKC-HTC-2010LF-1M50-F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
   High Temperature Bondable Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS RIEDON-HVS Datasheet
208Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805_13 Datasheet
173Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-150MK8 RIEDON-HVS0805-150MK8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com