Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKC-HTC-1206LF-1R00-D Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # TKC-HTC-1206LF-1R00-D
Description  High Temperature Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TKC-HTC-1206LF-1R00-D Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  TKC-HTC-1206LF-1R00-D Datasheet HTML 1Page - IRC - a TT electronics Company. TKC-HTC-1206LF-1R00-D Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HTC Series Issue May 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Pulse Withstanding
Chip Resistors
Physical Data
Part Type
L (mm)
W (mm)
T max (mm)
A (mm)
B min (mm)
C (mm)
Weight (grams)
1206
3.2±0.4
1.6±0.2
0.7
0.4±0.15
0.4±0.2
1.7
0.020
2010
5.1±0.3
2.5±0.2
0.8
0.6±0.25
0.6±0.3
3.0
0.036
2512
6.5±0.3
3.2±0.2
0.8
0.6±0.25
0.6±0.3
4.4
0.055
Prefix
TKC - HTC - 2512LF - 100R - F
Chip Type
HTC (High Temperature Chip)
Chip Size and Termination
1206LF = 100% Tin (pb-free) termination
2010LF = 100% Tin (pb-free) termination
2512LF = 100% Tin (pb-free) termination
Resistance Value (4 Digit Code)
Ex. 1R00 = 1W; 100R = 100W; 10K0 =10KW; 1M50 = 1.5MW
Tolerance Code
J = ±5%; F = ±1%; D = ±0.5%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data
Power Derating Data
Construction:
Thick film resistor material, overglaze and organic protection are screen printed on a 96% alumina substrate. Wrap-around
terminations have an electroplated Ni barrier and pure Sn matte finish, ensuring excellent `leach´ resistance properties and
solderability.
Marking:
Components are not marked. Reels are marked with type, value, tolerance, date code and quantity.
Solvent resistance:
The body protection is resistant to all normal industrial cleaning solvents suitable for printed circuits.
150°
200°
100
50
10
Temperature in °C
Protective Overcoat
Alumina Substrate
Ni Barrier Layer
Sn Plating
Conductor
Overglaze
(Stability Enhancer)
High Reliability
Resistance Element
C
L
A
W
T
B


Similar Part No. - TKC-HTC-1206LF-1R00-D

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TKC-HVC1206100K-D IRCTT-TKC-HVC1206100K-D Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-F IRCTT-TKC-HVC1206100K-F Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-G IRCTT-TKC-HVC1206100K-G Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-J IRCTT-TKC-HVC1206100K-J Datasheet
295Kb / 2P
   High Voltage Chip Resistors
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
More results

Similar Description - TKC-HTC-1206LF-1R00-D

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
   High Temperature Bondable Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS RIEDON-HVS Datasheet
208Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805_13 Datasheet
173Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-150MK8 RIEDON-HVS0805-150MK8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com