Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKC-HVC2512LF-100K-J Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # TKC-HVC2512LF-100K-J
Description  High Voltage Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TKC-HVC2512LF-100K-J Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  TKC-HVC2512LF-100K-J Datasheet HTML 1Page - IRC - a TT electronics Company. TKC-HVC2512LF-100K-J Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TTelectronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PWC Series Issue July 2008
Electrical Data
Continuous voltages up to 3KV
Resistance Values from 100KW to 100MW
Tolerances of ±0.5% to ±10%
Sn/Pb or Matte Sn wrap-around terminations
Standard chip sizes available from 1206 to 2512
Robust thick film construction
High Voltage
Chip Resistors
Environmental Data
Characteristic
1206
2010
2512
Maximum Rated Voltage1
1000V
2000V
3000V
Voltage Coefficient of Resistance
-25 ppm/V Max.
-15 ppm/V Typ.
-15 ppm/V Max.
-5 ppm/V Typ.
-5 ppm/V Max.
-1.5 ppm/V Typ.
Resistance Range (Tolerance)
100KW to 10M (±0.5%2,±1%, ±2% ,±5%, ±10%
)
10MW to 100MW (±5%, ±10%
)
Power @ 70°C
300mW
500mW
1000mW
Operating Temperature
-55°C to +155°C
Thermal Impedance
200°C/W
80°C/W
70°C/W
TCR
±100ppm/°C
Termination
Wrap-around Sn/Pb or matte Sn with leach resistant Ni barrier
Test
Maximum ∆R
Typical ∆R
Load life at rated power (1000 hours @ 70°C)
0.50%
0.25%
Overload (6.25 X rated power for 2 seconds)
0.50%
0.10%
High temperature storage (1000 hours @ 155°C)
0.50%
0.20%
Moisture resistance
0.50%
0.25%
Thermal shock
0.25%
0.05%
Resistance to soldering heat
0.25%
0.05%
HVC Series
Notes: 1. Voltage Limited to √PxR
2. ±0.5% in 2512 package only


Similar Part No. - TKC-HVC2512LF-100K-J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TKC-HTC-1206LF-100R-D IRCTT-TKC-HTC-1206LF-100R-D Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-100R-F IRCTT-TKC-HTC-1206LF-100R-F Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-100R-J IRCTT-TKC-HTC-1206LF-100R-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-1M50-D IRCTT-TKC-HTC-1206LF-1M50-D Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
TKC-HTC-1206LF-1M50-F IRCTT-TKC-HTC-1206LF-1M50-F Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
More results

Similar Description - TKC-HVC2512LF-100K-J

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com