Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1710 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC1710
Description  High Current FET Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1710 Datasheet(HTML) 1 Page - Texas Instruments

  UC1710 Datasheet HTML 1Page - Texas Instruments UC1710 Datasheet HTML 2Page - Texas Instruments UC1710 Datasheet HTML 3Page - Texas Instruments UC1710 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UC1710
UC2710
UC3710
05/99
High Current FET Driver
FEATURES
• Totem Pole Output with 6A
Source/Sink Drive
• 3ns Delay
• 20ns Rise and Fall Time into 2.2nF
• 8ns Rise and Fall Time into 30nF
• 4.7V to 18V Operation
• Inverting and Non-Inverting Outputs
• Under-Voltage Lockout with
Hysteresis
• Thermal Shutdown Protection
• MINIDIP and Power Packages
DESCRIPTION
The UC1710 family of FET drivers is made with a high-speed Schottky pro-
cess to interface between low-level control functions and very high-power
switching devices-particularly power MOSFET’s. These devices accept
low-current digital inputs to activate a high-current, totem pole output which
can source or sink a minimum of 6A.
Supply voltages for both VIN and VC can independently range from 4.7V to
18V. These devices also feature under-voltage lockout with hysteresis.
The UC1710 is packaged in an 8-pin hermetically sealed dual in-line pack-
age for –55°C to +125°C operation. The UC2710 and UC3710 are speci-
fied for a temperature range of –40°C to +85°C and 0°C to +70°C
respectively and are available in either an 8-pin plastic dual in-line or a
5-pin, TO-220 package. Surface mount devices are also available.
INV
N.I.
Out
HH
L
LH
H
HL
L
LLL
TRUTH TABLE
5
3
7
4
V
C
INTERNALLY CONNECTED IN T PACKAGE
OUTPUT BIAS
V
IN
LOGIC BIAS
Out
2Pwr Gnd
TSD
UVLO
1
8
Logic Gnd
INV IN
N.I. IN
INTERNALLY CONNECTED IN T PACKAGE
BLOCK DIAGRAM
UDG-99079
OUT= INV and N.I.
OUT= INV or N.I.
TEMPERATURE
RANGE
PACKAGE
UC1710J
–55°C to +125°C
8 pin CDIP
UC2710DW
–40°C to +85°C
16 pin SOIC-wide
UC2710J
8 pin CDIP
UC2710N
8 pin PDIP
UC2710T
5 pin TO220
UC3710DW
0°C to +70°C
16 pin SOIC-wide
UC3710N
8 pin PDIP
UC3710T
5 pin TO220
ORDERING INFORMATION


Similar Part No. - UC1710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1710 TI1-UC1710 Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710 Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
UC1710-SP TI1-UC1710-SP Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710-SP TI-UC1710-SP Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
UC1710J TI1-UC1710J Datasheet
104Kb / 6P
[Old version datasheet]   High Current FET Driver
More results

Similar Description - UC1710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1710 TI1-UC1710_15 Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710 TI1-UC1710_11 Datasheet
104Kb / 6P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710_V01 Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
logo
Fairchild Semiconductor
FDMF8704 FAIRCHILD-FDMF8704 Datasheet
423Kb / 11P
   High Current / High Frequency FET plus Driver Multi-chip Module
logo
IXYS Corporation
IXTK80N25 IXYS-IXTK80N25 Datasheet
568Kb / 5P
   High Current MegaMOSTM FET
IXTN120N25 IXYS-IXTN120N25 Datasheet
584Kb / 5P
   High Current MegaMOS FET
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A_16 Datasheet
316Kb / 5P
   Powerful High-grade FET driver
logo
Texas Instruments
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com