Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH4T245 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AVCH4T245
Description  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH4T245 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AVCH4T245 Datasheet HTML 6Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 7Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 8Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 9Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 10Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 11Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 12Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 13Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
74AVCH4T245_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 August 2009
10 of 26
NXP Semiconductors
74AVCH4T245
4-bit dual supply translating transceiver; 3-state
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
The bus hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VI to GND
and then raising it to VIL max.
[4]
The bus hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VI to VCC
and then lowering it to VIH min.
[5]
An external driver must source at least IBHLO to switch this node from LOW to HIGH.
[6]
An external driver must sink at least IBHHO to switch this node from HIGH to LOW.
[7]
For I/O ports, the parameter IOZ includes the input leakage current.
ICC
supply
current
A port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
10-55
µA
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
8
-
50
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
−2-
−12
-
µA
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
10-55
µA
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
−2-
−12
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
8
-
50
µA
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
20-70
µA
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI;
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-
16-65
µA
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Table 8.
Typical total supply current (ICC(A) + ICC(B))
VCC(A)
VCC(B)
Unit
0 V
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
0.1
0.1
0.1
0.1
0.1
0.1
µA
0.8 V
0.1
0.1
0.1
0.1
0.1
0.3
1.6
µA
1.2 V
0.1
0.1
0.1
0.1
0.1
0.1
0.8
µA
1.5 V
0.1
0.1
0.1
0.1
0.1
0.1
0.4
µA
1.8 V
0.1
0.1
0.1
0.1
0.1
0.1
0.2
µA
2.5 V
0.1
0.3
0.1
0.1
0.1
0.1
0.1
µA
3.3 V
0.1
1.6
0.8
0.4
0.2
0.1
0.1
µA


Similar Part No. - 74AVCH4T245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245BQ NEXPERIA-74AVCH4T245BQ Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245BQ-Q100 NEXPERIA-74AVCH4T245BQ-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245D NEXPERIA-74AVCH4T245D Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
More results

Similar Description - 74AVCH4T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com