Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH4T245PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AVCH4T245PW
Description  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH4T245PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74AVCH4T245PW Datasheet HTML 1Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 2Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 3Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 4Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 5Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 6Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 7Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 8Page - NXP Semiconductors 74AVCH4T245PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
74AVCH4T245_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 August 2009
4 of 26
NXP Semiconductors
74AVCH4T245
4-bit dual supply translating transceiver; 3-state
5.2 Pin description
[1]
All GND pins must be connected to ground (0 V).
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SOT403-1 (TSSOP16)
Fig 5.
Pin configuration SOT763-1 (DHVQFN16)
74AVCH4T245
VCC(A)
VCC(B)
1DIR
1OE
2DIR
2OE
1A1
1B1
1A2
1B2
2A1
2B1
2A2
2B2
GND
GND
001aak287
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aak289
74AVCH4T245
2A2
2B2
2A1
2B1
1A2
1B2
1A1
1B1
2DIR
2OE
1DIR
1OE
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage A (nAn, nOE and nDIR inputs are referenced to VCC(A))
1DIR, 2DIR
2, 3
direction control
1A1, 1A2
4, 5
data input or output
2A1, 2A2
6, 7
data input or output
GND[1]
8, 9
ground (0 V)
2B2, 2B1
10, 11
data input or output
1B2, 1B1
12, 13
data input or output
2OE, 1OE
14, 15
output enable input (active LOW)
VCC(B)
16
supply voltage B (nBn inputs are referenced to VCC(B))


Similar Part No. - 74AVCH4T245PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH4T245PW NEXPERIA-74AVCH4T245PW Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245PW-Q100 NEXPERIA-74AVCH4T245PW-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
74AVCH4T245PWRE4 TI-74AVCH4T245PWRE4 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245PWRE4 TI-74AVCH4T245PWRE4 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245PWRE4 TI-74AVCH4T245PWRE4 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCH4T245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com