Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3526ADWTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC3526ADWTR
Description  Regulating Pulse Width Modulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3526ADWTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC3526ADWTR Datasheet HTML 2Page - Texas Instruments UC3526ADWTR Datasheet HTML 3Page - Texas Instruments UC3526ADWTR Datasheet HTML 4Page - Texas Instruments UC3526ADWTR Datasheet HTML 5Page - Texas Instruments UC3526ADWTR Datasheet HTML 6Page - Texas Instruments UC3526ADWTR Datasheet HTML 7Page - Texas Instruments UC3526ADWTR Datasheet HTML 8Page - Texas Instruments UC3526ADWTR Datasheet HTML 9Page - Texas Instruments UC3526ADWTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
capacitor. The logic threshold is +1.1V at +25
°C. Noise
immunity can be gained at the expense of fan-out with an
external 2k pull-up resistor to +5V.
Oscillators
The oscillator is programmed for frequency and dead
time with three components: RT, CT and RD. Two wave-
forms are generated: a sawtooth waveform at pin 10 for
pulse width modulation, and a logic clock at pin 12. The
following procedure is recommended for choosing timing
values:
1. With RD= 0
(pin 11 shorted to ground) select values
for RT and CT from the graph on page 4 to give the de-
sired oscillator period. Remember that the frequency at
each driver output is half the oscillator frequency, and the
frequency at the +VC terminal is the same as the oscilla-
tor frequency.
2. If more dead time is required, select a larger value of
RD. At 40kHz dead time increases by 400ns/
Ω.
3. Increasing the dead time will cause the oscillator fre-
quency to decrease slightly. Go back and decrease the
value of RT slightly to bring the frequency back to the
nominal design value.
The UC1526A can be synchronized to an external logic
clock by programming the oscillator to free-run at a fre-
quency 10% slower than the SYNC frequency.
A periodic LOW logic pulse approximately 0.5
µs wide at
Error Amplifier
The error amplifier is a transconductance design, with an
output impedance of 2M
Ω. Since all voltage gain takes
place at the output pin, the open-loop gain/frequency
characteristics can be controlled with shunt reactance to
ground. When compensated for unity-gain stability with
100pF, the amplifier has an open-loop pole at 800Hz.
The input connections to the error amplifier are deter-
mined by the polarity of the switching supply output volt-
age. For positive supplies, the common-mode voltage is
+5.0V and the feedback connections in Figure 6A are
used. With negative supplies, the common-mode voltage
is ground and the feedback divider is connected between
the negative output and the +5.0V reference voltage, as
shown in Figure 6B.
the SYNC pin will then lock the oscillator to the external
frequency.
Multiple devices can be synchronized together by pro-
gramming one master unit for the desired frequency, and
then sharing its sawtooth and clock waveforms with the
slave units. All CT terminals are connected to the CT pin
of the master and all SYNC terminals are likewise con-
nected to the SYNC pin of the master. Slave RT termi-
nals are left open or connected to VREF. Slave RD
terminal may be either left open or grounded.
Figure 4. Digital Control Port Schematic
Figure 5. Oscillator Connections and Waveforms
Figure 7. Push-Pull Configuration
Figure 6. Error Amplifier Connections
APPLICATIONS INFORMATION (cont.)
UC1526A
UC2526A
UC3526A
6


Similar Part No. - UC3526ADWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3526ADWTR TI1-UC3526ADWTR Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
UC3526ADWTRG4 TI1-UC3526ADWTRG4 Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Similar Description - UC3526ADWTR

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com