Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3625QTR Datasheet(PDF) 11 Page - Texas Instruments

Part # UC3625QTR
Description  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3625QTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC3625QTR Datasheet HTML 7Page - Texas Instruments UC3625QTR Datasheet HTML 8Page - Texas Instruments UC3625QTR Datasheet HTML 9Page - Texas Instruments UC3625QTR Datasheet HTML 10Page - Texas Instruments UC3625QTR Datasheet HTML 11Page - Texas Instruments UC3625QTR Datasheet HTML 12Page - Texas Instruments UC3625QTR Datasheet HTML 13Page - Texas Instruments UC3625QTR Datasheet HTML 14Page - Texas Instruments UC3625QTR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
UC1625
UC2625
UC3625
For drives where speed is critical, P-Channel MOSFETs
can be driven by emitter followers as shown in Fig. 8.
Here, both the level shift NPN and the PNP must with-
stand high voltages. A zener diode is used to limit
gate-source voltage on the MOSFET. A series gate re-
sistor is not necessary, but always advisable to control
overshoot and ringing.
High-voltage optocouplers can quickly drive high-voltage
MOSFETs if a boost supply of at least 10 volts greater
than the motor supply is provided (See Fig. 9.) To protect
the MOSFET, the boost supply should not be higher than
18 volts above the motor supply.
For under 200V 2-quadrent applications, a power NPN
driven by a small P-Channel MOSFET will perform well
as a high-side driver as in Fig. 10. A high voltage
small-signal NPN is used as a level shift and a high volt-
age low-current MOSFET provides drive. Although the
NPN will not saturate if used within its limitations, the
base-emitter resistor on the NPN is still the speed limiting
component.
Fig. 11 shows a power NPN Darlington drive technique
using a clamp to prevent deep saturation. By limiting sat-
uration of the power device, excessive base drive is mini-
mized and turn-off time is kept fairly short. Lack of base
series resistance also adds to the speed of this ap-
proach.
Figure 9. Optocoupled N-channel high-side driver.
Figure 8. Fast high-side P-channel driver.
APPLICATION INFORMATION (cont.)
Figure 11. Power NPN low-side driver.
Figure 10. Power NPN high-side driver.


Similar Part No. - UC3625QTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3625QTR TI1-UC3625QTR Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Similar Description - UC3625QTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com