Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8025 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8025
Description  IC card interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8025 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8025 Datasheet HTML 2Page - NXP Semiconductors TDA8025 Datasheet HTML 3Page - NXP Semiconductors TDA8025 Datasheet HTML 4Page - NXP Semiconductors TDA8025 Datasheet HTML 5Page - NXP Semiconductors TDA8025 Datasheet HTML 6Page - NXP Semiconductors TDA8025 Datasheet HTML 7Page - NXP Semiconductors TDA8025 Datasheet HTML 8Page - NXP Semiconductors TDA8025 Datasheet HTML 9Page - NXP Semiconductors TDA8025 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TDA8025_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2009
6 of 38
NXP Semiconductors
TDA8025
IC card interface
[1]
I = input, O = output, I/O = input/output, G = ground and P = power supply.
[2]
If pin PRESN or pin PRES is true, the card is considered to be present. During card insertion, debouncing
can occur on these signals. To counter this, the TDA8025 has a built-in debouncing timer (typically 4.5 ms).
[3]
Using the internal pull-up resistor connected to pin VCC.
[4]
Using the internal pull-up resistor connected to pin VDD(INTF).
CGND
14
G
card signal ground
CLK
15
O
card clock (C3)
CONFIG
16
I
3.3 V or 5 V core regulator supply voltage selection; see Figure 3 on
page 7
RST
17
O
card reset (C2)
VCC
18
P
card supply (C1); decouple to pin CGND using one 470 nF and one
220 nF capacitor with an Equivalent Series Resistance
(ESR) < 100 m
VDD(INTREGD) 19
P
internally regulated supply voltage
GND
20
G
ground
VDDI(REG)
21
P
regulator input supply voltage
RSTIN
22
I
microcontroller card reset input; active HIGH
OFFN
23
O
NMOS interrupt to microcontroller[4]; active LOW; see Section 8.10
on page 19
TEST3
24
O
test pin; do not connect to the application
PORADJ
25
I
power-on reset threshold adjustment input[4]
ENCLKIN
26
I
enable external clock on pin XTAL1; active HIGH
XTAL2
27
O
crystal connection pin; open when used with an external clock source
XTAL1
28
I
crystal connection pin; supply reference VDD(INTREGD)
external clock input; supply reference VDD(INTF)
I/OUC
29
I/O
microcontroller input/output data line[4]
AUX1UC
30
I/O
microcontroller auxiliary 1 input/output data line[4]
AUX2UC
31
I/O
microcontroller auxiliary 2 input/output data line[4]
TEST4
32
I
test pin; connect to GND
Table 3.
Pin description …continued
Symbol
Pin Type[1] Description


Similar Part No. - TDA8025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
More results

Similar Description - TDA8025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
logo
Unisonic Technologies
UTDA8024 UTC-UTDA8024 Datasheet
351Kb / 15P
   IC CARD INTERFACE
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com