Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1051T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJA1051T
Description  High-speed CAN transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1051T Datasheet(HTML) 2 Page - NXP Semiconductors

  TJA1051T Datasheet HTML 1Page - NXP Semiconductors TJA1051T Datasheet HTML 2Page - NXP Semiconductors TJA1051T Datasheet HTML 3Page - NXP Semiconductors TJA1051T Datasheet HTML 4Page - NXP Semiconductors TJA1051T Datasheet HTML 5Page - NXP Semiconductors TJA1051T Datasheet HTML 6Page - NXP Semiconductors TJA1051T Datasheet HTML 7Page - NXP Semiconductors TJA1051T Datasheet HTML 8Page - NXP Semiconductors TJA1051T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TJA1051_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 1 July 2009
2 of 18
NXP Semiconductors
TJA1051
High-speed CAN transceiver
3.
Ordering information
[1]
TJA1051T/3 and TJA1051TK/3 with VIO pin.
4.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TJA1051T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TJA1051T/3[1]
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TJA1051TK/3[1]
HVSON8
plastic thermal enhanced very thin small outline package; no leads; 8
terminals; body 3 x 3 x 0.85 mm
SOT782-1
(1) In a transceiver without a VIO pin, the VIO input is internally connected to VCC.
Fig 1.
Block diagram
TEMPERATURE
PROTECTION
TIME-OUT
MODE
CONTROL
DRIVER
TXD
1
VIO(1)
S
8
RXD
4
SLOPE
CONTROL
AND
DRIVER
VCC
CANH
CANL
7
6
VCC
VIO(1)
53
2
GND
TJA1051
015aaa036


Similar Part No. - TJA1051T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T NXP-TJA1051T Datasheet
383Kb / 18P
   High-speed CAN transceiver
Rev. 04-20 October 2009
TJA1051T NXP-TJA1051T Datasheet
484Kb / 21P
   High-speed CAN transceiver
Rev. 5-29 December 2010
TJA1051T PHILIPS-TJA1051T Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
TJA1051T PHILIPS-TJA1051T Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1051T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com