Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2-1 Datasheet(PDF) 6 Page - Texas Instruments

Part # UC2-1
Description  Fast LDO Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2-1 Datasheet(HTML) 6 Page - Texas Instruments

  UC2-1 Datasheet HTML 1Page - Texas Instruments UC2-1 Datasheet HTML 2Page - Texas Instruments UC2-1 Datasheet HTML 3Page - Texas Instruments UC2-1 Datasheet HTML 4Page - Texas Instruments UC2-1 Datasheet HTML 5Page - Texas Instruments UC2-1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
UC182-1,-2,-3,-ADJ
UC282-1,-2,-3,-ADJ
UC382-1,-2,-3,-ADJ
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
Figure 8. Typical UC382-ADJ application
Figure 9. Typical UC382-1, -2, or -3 application
UDG-96039
∆V
10mV/DIV
O
I
1A/DIV
L
2 s/DIV
µ
Figure 7. 10mA to 3A/
µs load transient response.
APPLICATION INFORMATION (cont.)
UDG-96040


Similar Part No. - UC2-1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
UC2-12SNE-L KEMET-UC2-12SNE-L Datasheet
1Mb / 17P
   Electronic switching systems
UC2-12SNE-L KEMET-UC2-12SNE-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
UC2-12SNEN-L KEMET-UC2-12SNEN-L Datasheet
1Mb / 17P
   Electronic switching systems
UC2-12SNEN-L KEMET-UC2-12SNEN-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
UC2-12SNJ-L KEMET-UC2-12SNJ-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results

Similar Description - UC2-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI-UC282-1 Datasheet
141Kb / 13P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com