Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP-MHP20LF-1K00-F Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # TFP-MHP20LF-1K00-F
Description  MHP TO-220 Series Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP20LF-1K00-F Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  TFP-MHP20LF-1K00-F Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP20LF-1K00-F Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP20LF-1K00-F Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MHP TO-220 Series Issue May 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
MHP TO-220 Series
Power Resistor
For additional information or to discuss your specific requirements, please contact our
Applications Team using the contact details below.
Ordering Data
Prefix
TFP - MHP20LF - 1R50 - J
Style
MHP20LF = 20W, TO-220 style power resistor
MHP35LF = 35W, TO-220 style power resistor
07017 = DSCC drawing (07017) ver. of above
MHP50LF = 50W, TO-220 style power resistor
07018 = DSCC drawing (07018) ver. of above
Resistance Code
4-digit resistance code.
Ex: 10R0 = 10Ω, 1K00 = 1KΩ
Absolute Tolerance Code
J = ±5%; F = ±1%
Standard Packaging
RoHS compliant tube (50 pcs per tube)
Application Notes:
1. Insulating material is unnecessary between the heat sink
and the tab, as the resistor film is isolated by the internal
alumina substrate.
2. When mounting with a fastener, thermal grease is
recommended.
3. Thermal design should satisfy the following equation: Case
Temperature (Tc) + [Thermal Resistance (ROJC) x Power
applied (Watts)]
≤ 155°C over the full operating temperature
of the application.
4. Resistor film temperature is not to exceed 155°C during
operation.
5. This product is RoHS compliant by exemption according to
RoHS directive 2002/95/EC exemptions 5 & 7, as they apply
to lead in glass and internal solder connections.
Temperature Rise Data
Power (Watts)
140
120
100
80
60
40
20
0
0
5
10
15
20
25
30
35
40
45
50
MHP20
MHP35
MHP50
Resistor Film Temp Rise with Respect to Flange Temp
Power Derating Data
50
155°
25°
10
100
Flange Temperature (°C)
Typical TCR For Low Values
0.01
0.1
1.0
Resistance (Ohms)
250
200
150
100
50
0


Similar Part No. - TFP-MHP20LF-1K00-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-MHP200LF-R-1K00F IRCTT-TFP-MHP200LF-R-1K00F Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-R-1K00J IRCTT-TFP-MHP200LF-R-1K00J Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-R-1R50F IRCTT-TFP-MHP200LF-R-1R50F Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-R-1R50J IRCTT-TFP-MHP200LF-R-1R50J Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-V-1K00F IRCTT-TFP-MHP200LF-V-1K00F Datasheet
563Kb / 4P
   High Power SOT227 Resistors
More results

Similar Description - TFP-MHP20LF-1K00-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-MHP100LF-10R0-J IRCTT-TFP-MHP100LF-10R0-J Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
logo
List of Unclassifed Man...
SEI-TR ETC2-SEI-TR Datasheet
115Kb / 3P
   TO-220 and TO-247 Style Power Resistor
logo
Stackpole Electronics, ...
TR_SERIES SEI-TR_SERIES Datasheet
328Kb / 5P
   TO-220 and TO-247 Style Power Resistor
7/26/2022
logo
Vishay Siliconix
RTO50 VISHAY-RTO50_15 Datasheet
89Kb / 5P
   50 W Power Resistor, Thick Film Technology, TO-220
Revision: 18-Sep-15
logo
Caddock Electronics, In...
MP2060 CADDOCK-MP2060_17 Datasheet
391Kb / 1P
   TO-220 Style Power Resistor Designed for Clip Mounting
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
632Kb / 4P
   650-1200 Watts MHP Series
logo
Weidmuller
1429060000 WEIDMULLER-1429060000 Datasheet
685Kb / 4P
   HDC MHP 100 MC
logo
IRC - a TT electronics ...
TFP-MHP20SLF-10R0-J IRCTT-TFP-MHP20SLF-10R0-J Datasheet
371Kb / 3P
   MHP20S TO-126 Series Power Resistor
logo
Weidmuller
2748270000 WEIDMULLER-2748270000 Datasheet
256Kb / 3P
   HDC MHP 200 PE FAS
1429080000 WEIDMULLER-1429080000 Datasheet
614Kb / 4P
   HDC MHP 100 FC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com