Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3823 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC3823
Description  High Speed PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3823 Datasheet(HTML) 3 Page - Texas Instruments

  UC3823 Datasheet HTML 1Page - Texas Instruments UC3823 Datasheet HTML 2Page - Texas Instruments UC3823 Datasheet HTML 3Page - Texas Instruments UC3823 Datasheet HTML 4Page - Texas Instruments UC3823 Datasheet HTML 5Page - Texas Instruments UC3823 Datasheet HTML 6Page - Texas Instruments UC3823 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PARAMETER
TEST CONDITIONS
UC1823
UC2823
UC3823
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Error Amplifier Section
Input Offset Voltage
10
15
mV
Input Bias Current
0.6
3
0.6
3
µA
Input Offset Current
0.1
1
0.1
1
µA
Open Loop Gain
1 < VO < 4V
60
95
60
95
dB
CMRR
1.5 < VCM < 5.5V
75
95
75
95
dB
PSRR
10 < VCC < 30V
85
110
85
110
dB
Output Sink Current
VPIN 3 =1V
1
2.5
1
2.5
mA
Output Source Current
VPIN 3 = 4V
-0.5
-1.3
-0.5
-1.3
mA
Output High Voltage
IPIN 3 =
−0.5mA
4.0
4.7
5.0
4.0
4.7
5.0
V
Output Low Voltage
IPIN 3 = 1mA
0
0.5
1.0
0
0.5
1.0
V
Unity Gain Bandwidth*
3
5.5
3
5.5
MHz
Slew Rate*
6
12
6
12
V/
µS
PWM Comparator Section
Pin 7 Bias Current
VPIN 7 = 0V
-1
-5
-1
-5
µA
Duty Cycle Range
0
80
0
85
%
Pin 3 Zero D.C. Threshold
VPIN 7 = 0V
1.1
1.25
1.1
1.25
V
Delay to Output*
50
80
50
80
ns
Soft-Start Section
Charge Current
VPIN 8 = 0.5V
3
9
20
3
9
20
µA
Discharge Current
VPIN 8 = 1V
1
1
mA
Current Limit/Shutdown Section
Pin 9 Bias Current
0 < VPIN 9 < 4V
±10
±10
µA
Current Limit Offset
VPIN 11 = 1.1V
15
15
mV
Current Limit Common Mode
Range (VPIN 11)
1.0
1.25
1.0
1.25
V
Shutdown Threshold
1.25
1.40
1.55
1.25
1.40
1.55
V
Delay to Output*
50
80
50
80
ns
Output Section
Output Low Level
IOUT = 20mA
0.25
0.40
0.25
0.40
V
IOUT = 200mA
1.2
2.2
1.2
2.2
V
Output High Level
IOUT =
−20mA
13.0
13.5
13.0
13.5
V
IOUT =
−200mA
12.0
13.0
12.0
13.0
V
Collector Leakage
VC = 30V
100
500
100
500
µA
Rise/Fall Time*
CL = 1nF
3060
3060
ns
Under-Voltage Lockout Section
Start Threshold
8.8
9.2
9.6
8.8
9.2
9.6
V
UVLO Hysteresis
0.4
0.8
1.2
0.4
0.8
1.2
V
Supply Current
Start Up Current
VCC = 8V
1.1
2.5
1.1
2.5
mA
ICC
VPIN 1, VPIN 7, VPIN 9 =0V, VPIN 2 = 1V
22
33
22
33
mA
* These parameters are guaranteed by design but not 100% tested in production.
UC1823
UC2823
UC3823
ELECTRICAL CHARACTERISTICS: Unless otherwise noted, these specifications apply for RT = 3.65k, CT = 1nF, VCC
= 15V, 0°C < TA < +70°C for the UC3823, -25°C < TA < +85°C for the
UC2823, and -55°C < TA < +125°C for the UC1823, TA = TJ.
3


Similar Part No. - UC3823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3823 TI1-UC3823 Datasheet
2Mb / 13P
[Old version datasheet]   High Speed PWM Controller
UC3823 TI-UC3823 Datasheet
2Mb / 13P
[Old version datasheet]   High Speed PWM Controller
UC3823A TI-UC3823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3823A TI-UC3823A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823A TI-UC3823A Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC3823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com