Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL00240-WCR26 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00240-WCR26
Description  SMD LED Right Angle 0803 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00240-WCR26 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00240-WCR26 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
*Oval Lens Side View Package 3.0 x 2.0 x 1.0mm
*AlGaInP Ultra Bright Red Chip used
*Low Current Requirements
*High Light Output
*Compatible with IR Solder-Process
*Industry Standard Footprint
*2000 or 1000 pcs per Reel
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA) ………...………….…………………....…….…...…. 5.0V
Max Forward Current …………..………………………………………….…. 30mA
Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width) ……………………..… 150mA
Operating Temperature Range ………………………….…………... -40°C to +85°C
Storage Temperature Range …………………………...………….… -40°C to +85°C
Reflow Soldering Temperature…………………………..….… 260°C for 10 seconds
Power Dissipation ……………………………………………………...……... 72mW
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ1/2
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
PL00240-WCR26
Red
AlGaInP
650
120°
2.0
2.4
35.0
70.0
Dominant
Wave
Length
nm
630
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL00240 Series SMD LED Right Angle 0803 Package
03-28-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
2.1
CATHODE MARK
1
2
1.4
R0
.5
1.3
CATHODE MARK
0.7
0.8
1.5
1.1
1.5
1.5
Recommended Soldering Pad Layout


Similar Part No. - PL00240-WCR26

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00240-WCR21 P-TEC-PL00240-WCR21 Datasheet
31Kb / 1P
   SMD LED Right Angle 0803 Package
More results

Similar Description - PL00240-WCR26

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00240-WCY08 P-TEC-PL00240-WCY08 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCR12 P-TEC-PL00240-WCR12 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCB08 P-TEC-PL00240-WCB08 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCA03 P-TEC-PL00240-WCA03 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCG17 P-TEC-PL00240-WCG17 Datasheet
31Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCW03 P-TEC-PL00240-WCW03 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCG05 P-TEC-PL00240-WCG05 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCY01 P-TEC-PL00240-WCY01 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCR21 P-TEC-PL00240-WCR21 Datasheet
31Kb / 1P
   SMD LED Right Angle 0803 Package
PL00240-WCG13 P-TEC-PL00240-WCG13 Datasheet
30Kb / 1P
   SMD LED Right Angle 0803 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com