Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419DA01MR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6419DA01MR
Description  Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DA01MR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6419DA01MR Datasheet HTML 1Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 2Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 3Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 4Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 5Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 6Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 7Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 8Page - Torex Semiconductor XC6419DA01MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2/29
XC6419 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTON
A
EN High Active without CL auto discharge (Accuracy:1%)
B
EN High Active with CL auto discharge (Accuracy:1%)
C
EN High Active without CL auto discharge (Accuracy:2%)
VR1
D
EN High Active with CL auto discharge (Accuracy:2%)
A
EN High Active without CL auto discharge (Accuracy:1%)
B
EN High Active with CL auto discharge (Accuracy:1%)
C
EN High Active without CL auto discharge (Accuracy:2%)
VR2
D
EN High Active with CL auto discharge (Accuracy:2%)
③④
Output Voltage
01~
Sequential number showing VR1 and VR2 voltage combination
VR1 range: 0.8 ~ 5.0V , VR2 range : 0.8 ~ 5.0V (0.05V increments)
Refer to the table below
MR
SOT-26
ER-G
USP-6C (Halogen & Antimony free)
⑤⑥
-⑦
Packages
Taping Type
(*2)
ER
USP-6C
PIN NUMBER
SOT-26
USP-6C
PIN NAME
FUNCTIONS
1
3
EN1
ON/OFF Control 1
2
2
VIN
Power Input
3
1
EN2
ON/OFF Control 2
4
6
VOUT2
Output 2
5
4
VSS
Ground
6
5
VOUT1
Output 1
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC6419①②③④⑤⑥-⑦(
*1)
*The dissipation pad for the USP-6C package
should be solder-plated in recommended mount
pattern and metal masking so as to enhance
mounting strength and heat release. If the pad
needs to be connected to other pins, it should be
connected to the VSS (No. 4) pin.
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)


Similar Part No. - XC6419DA01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419DA01MR TOREX-XC6419DA01MR Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
More results

Similar Description - XC6419DA01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com