Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS8026ER-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC25BS8026ER-G
Description  Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS8026ER-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XC25BS8026ER-G Datasheet HTML 1Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 2Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 3Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 4Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 5Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 6Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 7Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 8Page - Torex Semiconductor XC25BS8026ER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
XC25BS8
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①②③
Product Number
001~
Serial number based on internal standards
e.g. product number 001→①②③=001
MR
SOT-26W
MR-G
SOT-26W (Halogen & Antimony free)
ER
USP-6C
④⑤
-⑥
Packages
Taping Type
(*2)
ER-G
USP-6C (Halogen & Antimony free)
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage
VDD
VSS - 0.3 ~ VSS + 7.0
V
CLKin Pin Input Voltage
VCK
VSS - 0.3 ~ VDD + 0.3
V
CE Pin Input Voltage
VCE
VSS - 0.3 ~ VDD + 0.3
V
Q0 Pin Output Voltage
VQ0
VSS - 0.3 ~ VDD + 0.3
V
Q0 Pin Output Current
IQ0
± 50
mA
SOT-26W
250
mW
Power Dissipation
USP-6C
Pd
100
mW
Operating Temperature Range
Topr
-40 ~+85
Storage Temperature Range
Tstg
-55 ~+125
1/N
Counter
1/M
Counter
Phase
Detector
VCO
Output
Buffer
Charge
Pump
C1
V
DD
Q
0
LPF
in
CLK
V
SS
CE
Rdn
PRODUCT CLASSIFICATION
Ordering Information
XC25BS8①②③④⑤-⑥
(*1)
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
C1:Low Pass Filter Ceramic Capacitor
Please set as an external components between LPF Pin and VSS
Recommended components (1608 Type);
C1:0.1μF ---- Taiyo yuden EMK107BJ104KA
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ④R-⑥, Reverse orientation: ④L-⑥)


Similar Part No. - XC25BS8026ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8001EL TOREX-XC25BS8001EL Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ER TOREX-XC25BS8001ER Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ML TOREX-XC25BS8001ML Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001MR TOREX-XC25BS8001MR Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS8026ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com