Electronic Components Datasheet Search |
|
XC25BS8040ER-G Datasheet(PDF) 4 Page - Torex Semiconductor |
|
XC25BS8040ER-G Datasheet(HTML) 4 Page - Torex Semiconductor |
4 / 14 page 4/14 XC25BS8Series Input Frequency Multiplication MIN ~ MAX Synchronization jitter Synchronization jitter / Output Period (%) Product Series 64 32kHz ~ 192kHz 36ns 10% XC25BS8044 32kHz ~ 192kHz 32ns 18% XC25BS8027 32kHz ~ 96kHz 24ns 14% XC25BS8028 128 32kHz ~ 48kHz 20ns 11% XC25BS8057 32kHz ~ 192kHz 30ns 25% XC25BS8030 32kHz ~ 96kHz 20ns 17% XC25BS8031 192 32kHz ~ 48kHz 16ns 14% XC25BS8058 32kHz ~ 192kHz 24ns 27% XC25BS8033 32kHz ~ 96kHz 22ns 25% XC25BS8026 256 32kHz ~ 48kHz 18ns 20% XC25BS8025 32kHz ~ 192kHz 21ns 36% XC25BS8035 32kHz ~ 96kHz 20ns 34% XC25BS8036 384 32kHz ~ 48kHz 18ns 30% XC25BS8037 32kHz ~ 96kHz 18ns 41% XC25BS8039 512 32kHz ~ 48kHz 16ns 36% XC25BS8040 32kHz ~ 96kHz 16ns 54% XC25BS8042 768 32kHz ~ 48kHz 14ns 47% XC25BS8043 * Synchronization jitters are tested at fCLKIN=44.1kHz. Input Frequency Multiplication MIN ~ MAX Amount of Jitter Synchronization Amount of Jitter Synchronization / Output Period (%) Product Series 64 8kHz ~ 16kHz 160ns 8% XC25BS8045 128 8kHz ~ 16kHz 140ns 14% XC25BS8029 192 8kHz ~ 16kHz 110ns 17% XC25BS8032 256 8kHz ~ 16kHz 100ns 20% XC25BS8034 384 8kHz ~ 16kHz 96ns 29% XC25BS8038 512 8kHz ~ 16kHz 52ns 21% XC25BS8041 768 8kHz ~ 16kHz 48ns 29% XC25BS8046 * Synchronization jitters are tested at fCLKIN=8kH. Input Frequency Multiplication MIN ~ MAX Amount of Jitter Synchronization Amount of Jitter Synchronization / Output Period (%) Product Series 1 8MHz ~ 74MHz 7ns 8% XC25BS8047 2 6MHz ~ 37MHz 6ns 11% XC25BS8048 3 2MHz ~ 24MHz 12ns 11% XC25BS8049 4 2MHz ~ 18MHz 7ns 8% XC25BS8050 5 2MHz ~ 14MHz 8ns 12% XC25BS8051 6 2MHz ~ 12MHz 7ns 13% XC25BS8052 7 2MHz ~ 10MHz 7ns 15% XC25BS8053 8 2MHz ~ 9MHz 6ns 14% XC25BS8054 9 2MHz ~ 8MHz 6ns 16% XC25BS8055 10 2MHz ~ 7MHz 7ns 21% XC25BS8056 * Synchronization jitters are tested in the condition below. For the XC258047 (1 Multiplication), fCLKIN =12MHz. For the XC258048(2 Multiplication), fCLKIN= 8MHz Except above, fCLKIN=3MHz is used. ■ SELECTION GUIDE *1: The table below introduces standard products. Please select with seeing the combination of input frequencies and multiplications. The test condition: VDD=3.3V±10% *2: For other input frequency and multiplication, please ask your Torex sales contacts. |
Similar Part No. - XC25BS8040ER-G |
|
Similar Description - XC25BS8040ER-G |