Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2525BDW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2525BDW
Description  Regulating Pulse Width Modulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2525BDW Datasheet(HTML) 3 Page - Texas Instruments

  UC2525BDW Datasheet HTML 1Page - Texas Instruments UC2525BDW Datasheet HTML 2Page - Texas Instruments UC2525BDW Datasheet HTML 3Page - Texas Instruments UC2525BDW Datasheet HTML 4Page - Texas Instruments UC2525BDW Datasheet HTML 5Page - Texas Instruments UC2525BDW Datasheet HTML 6Page - Texas Instruments UC2525BDW Datasheet HTML 7Page - Texas Instruments UC2525BDW Datasheet HTML 8Page - Texas Instruments UC2525BDW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UC1525A/27A
UC2525A/27A
UC3525A/27A
ELECTRICAL CHARACTERISTICS:+VIN = 20V, and over operating temperature, unless otherwise specified, TA =TJ.
PARAMETER
TEST CONDITIONS
UC1525A/UC2525A
UC1527A/UC2527A
UC3525A
UC3527A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Reference Section
Output Voltage
TJ = 25°C
5.05
5.10
5.15
5.00
5.10
5.20
V
Line Regulation
VIN = 8 to 35V
10
20
10
20
mV
Load Regulation
IL = 0 to 20mA
20
50
20
50
mV
Temperature Stability (Note 5)
Over Operating Range
20
50
20
50
Total Output Variation (Note 5)
Line, Load, and Temperature
5.00
5.20
4.95
5.25
V
Shorter Circuit Current
VREF =0,TJ = 25°C
80
100
80
100
mA
Output Noise Voltage (Note 5)
10Hz 10kHz, T = 25 C
J
≤°
40
200
40
200
µVrms
Long Term Stability (Note 5)
TJ = 125°C
20
50
20
50
mV
Oscillator Section(Note 6)
Initial Accuracy (Notes5&6)
TJ = 25°C
± 2
± 6
± 2
± 6
%
Voltage Stability (Notes5&6)
VIN =8to35V
± 0.3
± 1
± 1
± 2
%
Temperature Stability (Note 5)
Over Operating Range
± 3
± 6
± 3
± 6
%
Minimum Frequency
RT = 200kΩ,CT = 0.1µF
120
120
Hz
Maximum Frequency
RT =2kΩ,CT = 470pF
400
400
kHz
Current Mirror
IRT = 2mA
1.7
2.0
2.2
1.7
2.0
2.2
mA
Clock Amplitude (Notes5&6)
3.0
3.5
3.0
3.5
V
Clock Width (Notes5&6)
TJ = 25°C
0.3
0.5
1.0
0.3
0.5
1.0
µs
Sync Threshold
1.2
2.0
2.8
1.2
2.0
2.8
V
Sync Input Current
Sync Voltage = 3.5V
1.0
2.5
1.0
2.5
mA
Error Amplifier Section
(VCM = 5.1V)
Input Offset Voltage
0.5
5
2
10
mV
Input Bias Current
1
10
1
10
µA
Input Offset Current
1
1
µA
DC Open Loop Gain
RL ≥ 10MΩ
60
75
60
75
dB
Gain-Bandwidth Product
(Note 5)
AV = 0dB, TJ = 25°C
1
2
1
2
MHz
DC Transconductance
(Notes5&7)
TJ =25°C, 30kΩ≤ RL ≤ 1MΩ
1.1
1.5
1.1
1.5
mS
Output Low Level
0.2
0.5
0.2
0.5
V
Output High Level
3.8
5.6
3.8
5.6
V
Common Mode Rejection
VCM = 1.5 to 5.2V
60
75
60
75
dB
Supply Voltage Rejection
VIN = 8 to 35V
50
60
50
60
dB
Note 5: These parameters, although ensured over the recommended operating conditions, are not 100% tested in production.
Note 6: Tested at fOSC = 40kHz (RT = 3.6k
W,CT = 0.01mF, RD =0W). Approximate oscillator frequency is defined by:
f
CR
TT
D
=
+
1
0.7
3R
()
Note 7: DC transconductance (gM) relates to DC open-loop voltage gain (AV) according to the following equation: AV =gMRL
where RL is the resistance from pin 9 to ground. The minimum gM specification is used to calculate minimum AV when the
error amplifier output is loaded.


Similar Part No. - UC2525BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2525BDW TI-UC2525BDW Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC2525BDW TI1-UC2525BDW Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525BDW TI1-UC2525BDW Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525BDWG4 TI1-UC2525BDWG4 Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525BDWG4 TI1-UC2525BDWG4 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC2525BDW

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com