Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA8153LF Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA8153LF
Description  Down Converter IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8153LF Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA8153LF Datasheet HTML 1Page - Sanyo Semicon Device LA8153LF Datasheet HTML 2Page - Sanyo Semicon Device LA8153LF Datasheet HTML 3Page - Sanyo Semicon Device LA8153LF Datasheet HTML 4Page - Sanyo Semicon Device LA8153LF Datasheet HTML 5Page - Sanyo Semicon Device LA8153LF Datasheet HTML 6Page - Sanyo Semicon Device LA8153LF Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA8153LF
Electrical Characteristics
at Ta
= 25°C, VCC = 3.3V
Ratings
Parameter
Symbol
Pin No.
Conditions
min
typ
max
Unit
Circuit Current
Itotal
3, 6, 17, 18, 27, 28
No Signal
77
100
130
mA
Power Save Current
Ips
3, 6, 17, 18, 27, 28
No Signal
17
23
32
mA
RF Input Frequency Range
f(RF)
8, 9
fc = -3dB
50
150
MHz
RF AGC Range
GR1
27, 28
V11=2.5 to 0V
40
48
dB
Mixer Conversion Gain
CG1
27 / 8
28 / 8
V11=2.5V
23
26
29
dB
Mixer Inter Modulation 1
IM3 (1)
27 / 8
28 / 8
Input=70dB
μV
V11=2.5V
40
50
dB
IF Input Frequency Range
f(IF)
23, 24
fc = -3dB
30
100
MHz
IF Amplifier Gain
G(AGC)
19 / 23, 24
20 / 23, 24
V11=2.5V
50
54
58
dB
IF Inter Modulation 2
IM3(2)
19 / 23, 24
20 / 23, 24
Output=105dB
μV
(99dB
μV / tone)
50
60
dB
IF AGC Range
GR2
19, 20
IF Output Level <
±1dB
3
5
dB
IF AGC Output Level
VO(IF)1
19
Single output
0.5
Vp-p
IF AGC Output Level
VO(IF)2
20
Single output
0.5
Vp-p
Package Dimensions
unit : mm (typ)
xxxx
SANYO : VQFN28N(5.0X5.0)
5.0
(1.0)
0.5
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
Exposed Die-Pad
(1.6)
12
1
2
28
0.2
No.A1485-2/7


Similar Part No. - LA8153LF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
LA8153QA-WH ONSEMI-LA8153QA-WH Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
More results

Similar Description - LA8153LF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
   Down Converter IC for GPS
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
   5.8-GHz Down Converter IC
ATR2809 ATMEL-ATR2809 Datasheet
145Kb / 3P
   5.8-GHz DOWN CONVERTER IC
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
   DOWN CONVERTER FOR BS TUNER IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com