Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75412WS Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC75412WS
Description  Electronic Volume Controller for Car Audio Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412WS Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75412WS Datasheet HTML 6Page - Sanyo Semicon Device LC75412WS Datasheet HTML 7Page - Sanyo Semicon Device LC75412WS Datasheet HTML 8Page - Sanyo Semicon Device LC75412WS Datasheet HTML 9Page - Sanyo Semicon Device LC75412WS Datasheet HTML 10Page - Sanyo Semicon Device LC75412WS Datasheet HTML 11Page - Sanyo Semicon Device LC75412WS Datasheet HTML 12Page - Sanyo Semicon Device LC75412WS Datasheet HTML 13Page - Sanyo Semicon Device LC75412WS Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LC75412WS
No.A1354-10/19
Pin Functions
Pin
Pin No.
Function
Equivalent circuit
L1
L2
L3
L4
L6
R1
R2
R3
R4
R6
54
53
52
51
55
59
60
61
62
58
• Single-end input pins.
L5M
L5P
R5M
R5P
50
49
63
64
• Differential input pins.
LSELO
RSELO
48
1
• Input selector output pins.
LCT
RCT
46
3
• Loudness pins.
Connect high-pass compensation CR between
LCT (RCT) and LVRIN (RVRIN), and connect low-pass
compensation CR between LCT (RCT) and GND.
LVRIN
RVRIN
47
2
• Volume and equalizer input pins.
LF1C1
LF1C2
LF1C3
RF1C1
RF1C2
RF1C3
42
41
40
7
8
9
• Equalizer F1 band filter configuration capacitor
connection pins.
Connect capacitor between
LF1C1 (RF1C1) and LF1C2 (RF1C2)
LF1C2 (RF1C2) and LF1C3 (RF1C3)
LF3C1
LF3C2
LF3C3
RF3C1
RF3C2
RF3C3
36
35
34
13
14
15
• Equalizer F3 band filter configuration capacitor
connection pins.
Connect capacitor between
LF3C1 (RF3C1) and LF3C2 (RF3C2)
LF3C2 (RF3C2) and LF3C3 (RF3C3)
Continued on next page.
VDD
LVref
RVref
VDD
M
VDD
P
LVref
RVref
VDD
VDD
VDD
VDD
FnC1
VDD
VDD
FnC3
VDD
FnC2


Similar Part No. - LC75412WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75412W SANYO-LC75412W Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
More results

Similar Description - LC75412WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com