Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6501P281NR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6501P281NR
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501P281NR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6501P281NR Datasheet HTML 1Page - Torex Semiconductor XC6501P281NR Datasheet HTML 2Page - Torex Semiconductor XC6501P281NR Datasheet HTML 3Page - Torex Semiconductor XC6501P281NR Datasheet HTML 4Page - Torex Semiconductor XC6501P281NR Datasheet HTML 5Page - Torex Semiconductor XC6501P281NR Datasheet HTML 6Page - Torex Semiconductor XC6501P281NR Datasheet HTML 7Page - Torex Semiconductor XC6501P281NR Datasheet HTML 8Page - Torex Semiconductor XC6501P281NR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/21
XC6501 Series
■PIN CONFIGURATION
■PIN ASSIGNMENT
* USPN-4 is under development
■PRODUCT CLASSIFICATION
Ordering Information
XC6501①②③④⑤⑥-⑦
(*1)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
CE High Active, Without CE Pull-down, Without CL discharge
B
CE High Active, Without CE Pull-down, With CL discharge
C
CE High Active, With CE Pull-down, Without CL discharge
D
CE High Active, With CE Pull-down, With CL discharge
Regulator Type
P
3 pin, without CE pin (USP-3)
②③
Output Voltage
12~50
ex.)28V → ②=2, ③=8
1
0.1V increments
ex.)1.80V → ②=1, ③=8, ④=1
Accuracy= ±0.02V @ 1.2V~1.9V
Accuracy= ±1% @ 2.0~5.0V
Output Voltage
Accuracy
A
0.05V increments
ex.)1.85V → ②=1, ③=8, ④=A
Accuracy =±0.02V @ 1.25V~1.95V
Accuracy= ±1% @ 2.05~4.95V
HR
USP-3 (Only XC6501P)
HR-G
USP-3 (Halogen & Antimony free)
GR
USP-4
GR-G
USP-4 (Halogen & Antimony free)
NR
SSOT-24
NR-G
SSOT-24 (Halogen & Antimony free)
MR
SOT-25
MR-G
SOT-25 (Halogen & Antimony free)
⑤⑥
-⑦
Packages
Taping Type
(*2)
7R-G
USPN-4 (Halogen & Antimony free)
(*3)
PIN NUMBER
USP-3
USP-4
SSOT-24
SOT-25
USPN-4
*
PIN NAME
FUNCTION
1
4
4
1
4
VIN
Power Supply
2
1
3
5
1
VOUT
Output
3
2
2
2
2
VSS
Ground
-
3
1
3
3
CE
ON/OFFControl
-
-
-
4
-
NC
No Connection
*The heat dissipation pad of the USP-4 package is recommended to solder as the
recommended mount pattern and metal mask pattern for mounting strength. The mount
pattern should be electrically opened or connected to the VSS (No.2) pin.
(under development)
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)
(*3) USPN-4 (Halogen & Antimony free) is under development.


Similar Part No. - XC6501P281NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501P281NR TOREX-XC6501P281NR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501P281NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com