Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBE817 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBE817
Description  Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBE817 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBE817 Datasheet HTML 1Page - Sanyo Semicon Device SBE817 Datasheet HTML 2Page - Sanyo Semicon Device SBE817 Datasheet HTML 3Page - Sanyo Semicon Device SBE817 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBE817
No. A0328-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=0.3mA
15
V
Forward Voltage
VF1IF=1.0A
0.45
0.5
V
VF2IF=2.0A
0.52
0.57
V
Reverse Current
IR
VR=7.5V
6
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
35
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
When mounted on ceramic substrate (900mm2
✕0.8mm)
65
°C / W
Package Dimensions
Electrical Connection
unit : mm (typ)
7045-004
trr Test Circuit
1 : Anode1
2 : NC
3 : Anode2
4 : Anode2(NC)
5 : Cathode2
6 : Cathode2
7 : Cathode1
8 : Cathode1
SANYO : EMH8
1
4
85
0.125
0.5
2.0
0.2
23
4
1
76
5
8
1 : Anode1
2 : NC
3 : Anode2
4 : Anode2(NC)
5 : Cathode2
6 : Cathode2
7 : Cathode1
8 : Cathode1
Top view
Duty≤10%
50Ω
100Ω
10Ω
--5V
trr
10μs
*: Terminal 4 is used for the purposes such as
test. Although it is connected to Anode 2,
please handle it as NC Terminal
Forward Voltage, VF -- V
IF -- VF
Reverse Voltage, VR -- V
IR -- VR
IT14237
IT14238
Ta=125
°C
100
°C
75
°C
50
°C
25
°C
0
°C
--25
°C
0
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15
0.0001
0.01
0.001
0.1
1.0
10
100
1000
10000
0
0.001
2
3
5
7
2
3
5
0.01
7
2
3
5
0.1
0.7
0.5
0.6
0.1
0.2
0.3
0.4
7
2
3
1.0


Similar Part No. - SBE817

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBE811 SANYO-SBE811 Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SBE812 SANYO-SBE812 Datasheet
37Kb / 4P
   Schottky Barrier Diode 60V, 1.0A Rectifier
logo
ON Semiconductor
SBE812 ONSEMI-SBE812 Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
SBE812-TL-E ONSEMI-SBE812-TL-E Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
   Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
More results

Similar Description - SBE817

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SB10015M SANYO-SB10015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 1.0A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS011 SANYO-SBS011 Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 150mA Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com