Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-030-E Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK433-030-E
Description  2-channel class AB audio power IC, 30W30W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-030-E Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK433-030-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-030-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
STK433-030-E
No. A1247-8/11
[Example]
When the IC supply voltage, VCC, is ±21V and RL is 6Ω, the total power dissipation, Pd, within the hybrid IC, will
be a maximum of 31W at 1kHz for a continuous sine wave signal according to the Pd-PO characteristics.
For the music signals normally handled by audio amplifiers, a value of 1/8PO max is generally used for Pd as an
estimate of the power dissipation based on the type of continuous signal. (Note that the factor used may differ
depending on the safety standard used.)
This is:
Pd
≈ 24.0W
(when 1/8PO max. = 3.75W, PO max. = 30W).
The number of power transistors in audio amplifier block of these hybrid ICs, N, is 4, and the thermal resistance per
transistor,
θj-c, is 4.2°C/W. Therefore, the required heat sink thermal resistance for a guranteed ambient temperature,
Ta, of 50
°C will be as follows.
From formula (1)'
θc-a < (125 − 50)/24.0
< 3.13
From formula (2)'
θc-a < (150 − 50)/24.0 − 4.2/4
< 3.12
Therefore, the value of 3.12
°C/W, which satisfies both of these formulae, is the required thermal resistance of the heat
sink.
Note that this thermal design example assumes the use of a constant-voltage power supply, and is therefore not a
verified design for any particular user’s end product.
STK433-000 Series Standby Control, Mute Control, Load-short Protection & DC
offset Protection application
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
Ch1 OUT
GND
+VCC
-VCC
STK433-000 series
ST-BY
56k
Ω
GND
Ch2 IN
GND
Ch1 IN
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-VCC
SUB
GND
+PRE
ST-BY
Ch1
OUT
Ch2
OUT
-PRE
6.8k
Ω
56k
Ω
6.8k
Ω
Load short
protection
circuit
22k
Ω
56k
Ω
1k
Ω
0.1
μF
10k
Ω 100kΩ
(*4)
R2
1k
Ω
33k
Ω
2k
Ω
(*1) R1
ex) 5.1k
Ω
33
μF
/10V
10k
Ω
10k
Ω
10k
Ω
2.2k
Ω
V1
GND
Ch2 OUT
82k
Ω
82k
Ω
100
k
Ω
22
μF
22
μF
PLAY
MUTE
ST-BY
MUTE
+5V
+5V
Standby
Control
Mute
Control
Mute Control
H: Single Mute
L: Normal
Stand-by Control (ex)
H: Operation Mode (+5V)
L: Stand-by Mode (0V)
DC offset protection
(*1) The voltage applied to the Stand-by pin (#13) must not exceed the
maximum rated value (VST max).
(*1) R1 is changed depending on the power-supply voltage (-VCC).
Please set resistance (R1) to become “V1
≈ 0V” by the following calculation types.
Latch up
circuit


Similar Part No. - STK433-030-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
   2channel class-AB Audio Power IC 50W50W
More results

Similar Description - STK433-030-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK402-950 SANYO-STK402-950 Datasheet
578Kb / 6P
   5CH AB AUDIO POWER IC 30W X 5 CH
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
ON Semiconductor
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com