Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-760-E Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # STK433-760-E
Description  2-channel class AB audio power IC, 50W50W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-760-E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button STK433-760-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 11Page - Sanyo Semicon Device STK433-760-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STK433-760-E
No. A1476-11/12
STK433-760-E Stand-by Control & Mute Control Application
[The example of use STK433-*00series Stand-by control circuit]
Features
• By using the recommended stand-by control application, the pop noise level when the power is turned on/off can be
significantly reduced.
• By adjusting the limiting resistance (*2) in accordance with the voltages of the microcontroller and other components
used, it is possible to perform stand-by control, facilitating the finished product design effort.
(ex) STK433-*00series test circuit. When impressed by Stand-by control control [+5V].
Operation Explanation
1) About VST (
#13pin Stand-by Threshold)
<1> Operation Mode
When pin 13 reference voltage VST is equal to or greater than 2.5V, the stand-by circuit is set off, and the
amplifier is set to the operation mode.
<2> Stand-by Mode
When pin 13 reference voltage VST is equal to or less than 0.6V, the stand-by circuit is set off, and the amplifier is
set to the stand-by mode.
(*3) The pop noise that occurs when the power is turned ON is reduced by providing a time constant using a capacitor
during operation.
(*4) The pop noise level is reduced by discharging the capacitor with a resistor in the stand-by mode.
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
STK433-*00series
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-VCC
MONITOR
+PRE
ST-BY
Ch1
OUT
Ch2
OUT
-PRE
33k
Ω
2k
Ω
(*4)
1k
Ω (*1)
33
μF (min)
(*3)
Stand-by control circuit part
H: Operation mode (+5V)
L: Stand-by mode (0V)
ΔVBE
SUB/
GND
ΔVBE
ex) VST=(Stand-by Control-VBE*2)
× (*2)/((*1)+(*2))+VBE
=(5V-0.6V*2)
×4.3kΩ/(4.3kΩ+1kΩ)+0.6V
≈3.68(V)
Stand-by Circuit
in Pre Driver IC
4.3k
Ω (*2)
VST
ST-BY
PLAY
MUTE
ST-BY
MUTE
+5V
+5V
Stand-by
Control
Mute
Control
Ch1 OUT
GND
+VCC
-VCC
STK433-760-E
GND
Ch2 IN
GND
Ch1 IN
(10k
Ω)
10k
Ω
10k
Ω
10k
Ω
2.2k
Ω
VST
GND
Ch2 OUT
Mute Control
H: Single Mute
L: Normal
Stand-by Control(ex)
H: Operation Mode(+5V)
L: Stand-by Mode(0V)
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-VCC
SUB/
GND MONITOR
+PRE
ST-BY
Ch1
OUT
Ch2
OUT
-PRE
MONITOR
(0.1
μF)
R03
R31
TR1
C32
R33


Similar Part No. - STK433-760-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
More results

Similar Description - STK433-760-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
   2channel class-AB Audio Power IC 50W50W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK415-090-E SANYO-STK415-090-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 50W50W
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
logo
Sanyo Semicon Device
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com