Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN8D51A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TN8D51A
Description  Separately-Excited Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TN8D51A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TN8D51A Datasheet HTML 1Page - Sanyo Semicon Device TN8D51A Datasheet HTML 2Page - Sanyo Semicon Device TN8D51A Datasheet HTML 3Page - Sanyo Semicon Device TN8D51A Datasheet HTML 4Page - Sanyo Semicon Device TN8D51A Datasheet HTML 5Page - Sanyo Semicon Device TN8D51A Datasheet HTML 6Page - Sanyo Semicon Device TN8D51A Datasheet HTML 7Page - Sanyo Semicon Device TN8D51A Datasheet HTML 8Page - Sanyo Semicon Device TN8D51A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TN8D51A
No. A0985-1/11
Features
High efficiency (ON resistance 80m
Ω, Vertical-type P-ch Power MOSFET).
Over current protection (Self recovery type).
Under voltage protection.
Over temperature protection function (Self recovery type).
Soft start function (Variable subject to externally-connected capacitor).
Stand-by mode function (Compatible with soft start terminal).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Input Voltage
VIN max
57
V
Maximum Output Current
IO max
8A
Drain-to-Source Voltage of built-in MOSFET
VDSS
--60
V
Drain Current of built-in MOSFET (DC)
ID
--12
A
Drain Current of built-in MOSFET (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--48
A
FB Pin Maximum Input Voltage
Vfb
15
V
SS Pin Maximum Input Voltage
VSS
7V
Allowable Power Dissipation
PD
2.0
W
Tc=25°C20
W
Operating Temperature
Topr
--25 to +125
°C
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
SANYO Semiconductors
DATA SHEET
www.semiconductor-sanyo.com/network
Ordering number : ENA0985
90308IQ TI IM TC-00001590
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
TN8D51A
ExPD (Excellent-Performance Power & RF Device)
Separately-Excited Step-Down
Switching Regulator
(12V Output type)


Similar Part No. - TN8D51A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TN8D41A SANYO-TN8D41A Datasheet
135Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (5V Output type)
More results

Similar Description - TN8D51A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com