Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2827N-2 Datasheet(PDF) 8 Page - Texas Instruments

Part # UC2827N-2
Description  Buck Current/Voltage Fed Push-Pull PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2827N-2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC2827N-2 Datasheet HTML 4Page - Texas Instruments UC2827N-2 Datasheet HTML 5Page - Texas Instruments UC2827N-2 Datasheet HTML 6Page - Texas Instruments UC2827N-2 Datasheet HTML 7Page - Texas Instruments UC2827N-2 Datasheet HTML 8Page - Texas Instruments UC2827N-2 Datasheet HTML 9Page - Texas Instruments UC2827N-2 Datasheet HTML 10Page - Texas Instruments UC2827N-2 Datasheet HTML 11Page - Texas Instruments UC2827N-2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
OSC
CLKSYN
OUT
THRESHOLD
Charging
VAO Current
Command
Discharging
Threshold
2.9 V
0.5 V
3.6 V
1.4 V
8.5 V
0 V
VDG−99087
OSC1
OSC2
OSC3
OSC10
SYNC
SYNC
SYNC
SYNC
100 pF
100 pF
100 pF
100 pF
10 kW
VDG−99085
REVISION HISTORY
UC1827-1, UC1827-2
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365A – APRIL 1999 – REVISED AUGUST 2005
APPLICATION INFORMATION (continued)
Figure 2. Oscillator and PWM Output Waveform
Figure 3. Oscillator Synchronization Connection Diagram
REVISION
DATE OF CHANGE
DESCRIPTION
Improved CMRR of CSA from ( 0 - 2 V) to ( -0.3 - 2 V)
SLUS365A
8/2005
Improved CMRR of CEA from ( 0 - 5 V) to ( -0.3 - 5 V)
8


Similar Part No. - UC2827N-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827-2 TI1-UC2827-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827DW-1 TI1-UC2827DW-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827DW-1G4 TI1-UC2827DW-1G4 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827DW-2 TI1-UC2827DW-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
More results

Similar Description - UC2827N-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com