Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3455LF3LNNP Datasheet(PDF) 2 Page - Littelfuse

Part # 3455LF3LNNP
Description  3AG, 5 x 20mm, or 2AG Fuses International Shock-Safe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3455LF3LNNP Datasheet(HTML) 2 Page - Littelfuse

  3455LF3LNNP Datasheet HTML 1Page - Littelfuse 3455LF3LNNP Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
468
www .littelfuse .com
Fuseholders
For 3AG, 5 x 20mm, or 2AG Fuses
International Shock-Safe Panel Mount Type
®
®
V
DE
Fuse Size
2
2AG
.177" x .570"
3
3AG
.250" x 1.250"
5
5 x 20mm
.197" x .787"
USE
USE
.60" DIA.
.65" DIA.
.41"
1.59"
.50" MIN.
1.50" MAX.
Low Profile Fingergrip Knob
Rear Mount Fingergrip Knob
special 1/2" thread
special 1/2" thread
special 1/2" thread
special 1/2" thread
USE
.40"
1.35"
High Profile Screwdriver Slot Knob
.04"x.25"
USE
´
.16"
1.59"
Low Profile Screwdriver Slot Knob
.04"x.25"
USE
.16"
1.59"
Quick Mount Screwdriver Slot Knob
.04"x.25"
Terminal Styles
Suggested Mounting Holes
Bottom Terminal
.090" x .160"
HOLE
.055"
HOLE
.070"
HOLE
3/16" DUAL
PURPOSE
SOLDER/QUICK
CONNECT
1/4" NEMA/DIN
QUICK CONNECT
3/16" NEMA
QUICK CONNECT
.187"
.187"
.250"
.475"
.480"
.460"
.465"
.500"
.505"
A
B
C
AB
C
.187" QC
.250" QC
.53" .30" .020"
.59" .36" .032"
Right Angle
Straight
"Push-On" Type Retaining Nut
for Quick Mount Fuseholder
Plastic Hex Nut with Flange
.91" DIA.
.63"
.19"
.65"
DIA.
.558"
HEX.
SPECIAL
1/2" THREAD
.60" DIA.
.60" DIA.
.60" DIA.
DIMENSION
DRAWINGS:
To Order Body Including Nut(s) Only:
Terminal
Bottom
Low Profile Body
High Profile Body
Rear Mount Body
Quick Mount Body
Style
Terminal
Part Number***
Part Number
Part Number
Part Number
3/16" Dual Purpose
(Rt. Angle)
3453LF1-010
3453HS1-010
3453RF1-010
3453QS1-010
3/16" Dual Purpose
(Straight)
3453LF2-010
3453HS2-010
3453RF2-010
3453QS2-010
3/16" NEMA QC
(Rt. Angle)
3453LF3-010
3453HS3-010
3453RF3-010
3453QS3-010
3/16"NEMA QC
(Straight)
3453LF4-010
3453HS4-010
3453RF4-010
3453QS4-010
1/4" NEMA/DIN QC
(Rt. Angle)
3453LF7-010
3453HS7-010
3453RF7-010
3453QS7-010
1/4"NEMA/DIN QC
(Straight)
3453LF8-010
3453HS8-010
3453RF8-010
3453QS8-010
***Low Profile Body will accept either Fingergrip or Screwdriver Slot Knob.
ORDERING INFORMATION:
EXAMPLE (Complete Assembly with options):
345 3 LS 7 L N NP
Series Number
Style
LF
Low Profile Body
Black Fingergrip Knob
RF
Rear Mount Body
Black Fingergrip Knob
HS
High Profile Body
Screwdriver Slot Knob
LS
Low Profile Body
Screwdriver Slot Knob
QS
Quick Mount Body
Screwdriver Slot Knob
Screwdriver Slot Knob
2AG — Blue Knob
3AG — Grey Knob
5 x 20mm — Black Knob
Terminals
1
3/16" (Rt. Angle)
Dual Purpose Solder/QC
2
3/16" (Straight)
Dual Purpose Solder/QC
3
3/16" (Rt. Angle)
NEMA QC
4
3/16" (Straight)
NEMA QC
7
1/4" (Rt. Angle)
NEMA/DIN QC
8
1/4" (Straight)
NEMA/DIN QC
Options*
L
Lockwasher
N
Neoprene Washer
NP
Drip-Proof “O” Ring**
with Neoprene Washer
**Options (L, N, NP) can be ordered
individually or in combination.
**Screwdriver slot knob only.
Note: To Order Knob Only:
Fuse
Fingergrip Knob
Screwdriver Slot Knob
Size
Part Number
Part Number
2AG
3452LF1-020
3452LS1-020
3AG
3453LF1-020
3453LS1-020
5 x 20mm
3455LF1-020
3455LS1-020


Similar Part No. - 3455LF3LNNP

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3455 ASM-SENSOR-3455 Datasheet
1Mb / 4P
   HIGH VOLTAGE INSULATION HiTESTER
logo
List of Unclassifed Man...
3455 ETC2-3455 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
3455 HEYCO-3455 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
SCHOTT CORPORATION
34550 SCHOTT-34550 Datasheet
12Kb / 1P
   LM259X Inductor 47 關Hy 1.15 ADC
34551 SCHOTT-34551 Datasheet
12Kb / 1P
   LM259X Inductor 33 關Hy 1.37 ADC
More results

Similar Description - 3455LF3LNNP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
345101 LITTELFUSE-345101 Datasheet
80Kb / 1P
   FOR 3AG, 5 x 20mm, OR MIDGET FUSES
245 LITTELFUSE-245 Datasheet
497Kb / 1P
   245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
logo
Cooper Bussmann, Inc.
GMD-125-R COOPER-GMD-125-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
S500-32-R COOPER-S500-32-R Datasheet
267Kb / 2P
   5 x 20mm Fuses
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
   For 5 x 20mm Fuses
logo
Littelfuse
03452HS1H LITTELFUSE-03452HS1H Datasheet
112Kb / 2P
   International Shock-Safe Panel Mount Type
logo
Schurter Inc.
231409 SCHURTER-231409_V01 Datasheet
240Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal or vertical
231409 SCHURTER-231409_18 Datasheet
276Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal or vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com